Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9678P Datasheet(PDF) 114 Page - STMicroelectronics

Part # L9678P
Description  Automotive user configurable airbag IC
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9678P Datasheet(HTML) 114 Page - STMicroelectronics

Back Button L9678P Datasheet HTML 110Page - STMicroelectronics L9678P Datasheet HTML 111Page - STMicroelectronics L9678P Datasheet HTML 112Page - STMicroelectronics L9678P Datasheet HTML 113Page - STMicroelectronics L9678P Datasheet HTML 114Page - STMicroelectronics L9678P Datasheet HTML 115Page - STMicroelectronics L9678P Datasheet HTML 116Page - STMicroelectronics L9678P Datasheet HTML 117Page - STMicroelectronics L9678P Datasheet HTML 118Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 203 page
background image
Deployment drivers
L9678P, L9678P-S
114/203
DocID029274 Rev 3
6.1.4
Deployment success
Deploy success flag is set when the deploy timer elapses. This bit (CHxDS) is contained in
the Deploy Status Register. Within the Global Status Word register (GSW), a single bit
(DEPOK) is also set once any of the four deployment channels sets a deploy success flag.
6.2
Energy reserve - deployment voltage
One deployment voltage source pin is used for channels 0 and 1 (SS01) and one for
channels 2 and 3 (SS23). These pins are directly connected to the high side drivers for each
channel.
6.3
Deployment ground return
There are dedicated power ground connections for deployment current, SGx pins. One
ground connection is sufficient for two deployments occurring simultaneously.
6.4
Deployment driver protections
6.4.1
Delayed low-side deactivation
To control voltage spikes at the squib pins during drivers deactivation at the end of a
deployment, the low side driver is switched off after tDEL_SD_LS delay time with respect to
the high side deactivation.
6.4.2
Low-side voltage clamp
The low side driver is protected against overvoltage at the SRx pins by means of a clamping
structure as shown in Figure 23. When the Low side driver is turned off, voltage transients at
the SRx pin may be caused by squib inductance. In this case a low side FET drain to gate
clamp will reactivate the low side FET allowing for residual inductance current recirculation,
thus preventing potential low side FET damage by overvoltage.
6.4.3
Short to battery
The low side driver is equipped with current limitation and overcurrent protection circuitry. In
case of short to battery at the squib pins, the short circuit current is limited by the Low side
driver to ILIM_SR. If this condition lasts for longer than TFLT_ILIM_LS deglitch filter time then
the low and high-side drivers will be switched off and latched in this state until a new
deployment is commanded after SPI_DEPEN is re triggered.
6.4.4
Short to ground
The squib driver is designed to stand a short to ground at the squib pins during deployment.
In particular, the current flowing through the short circuit is limited by the high side driver
(deployment current) and the high-side FET is sized to handle the related energy.
In case the short to ground during deployment occurs after an open circuit, a protection
against damage is also available. The high side current regulator would have normally
reacted to the open circuit by increasing the Vgs of the high side FET. Thanks to a dedicated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com