Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9678P Datasheet(PDF) 110 Page - STMicroelectronics

Part # L9678P
Description  Automotive user configurable airbag IC
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9678P Datasheet(HTML) 110 Page - STMicroelectronics

Back Button L9678P Datasheet HTML 106Page - STMicroelectronics L9678P Datasheet HTML 107Page - STMicroelectronics L9678P Datasheet HTML 108Page - STMicroelectronics L9678P Datasheet HTML 109Page - STMicroelectronics L9678P Datasheet HTML 110Page - STMicroelectronics L9678P Datasheet HTML 111Page - STMicroelectronics L9678P Datasheet HTML 112Page - STMicroelectronics L9678P Datasheet HTML 113Page - STMicroelectronics L9678P Datasheet HTML 114Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 203 page
background image
Deployment drivers
L9678P, L9678P-S
110/203
DocID029274 Rev 3
6
Deployment drivers
The squib deployment block consists of 4 independent high side drivers and 4 independent
low side drivers. Squib deployment logic requires a deploy command received through SPI
communications and either an arming condition processed by safing logic or a proper FENH
and FENL input pin assessment, depending on whether the internal safing engine is used or
not. FENH signal is used to enable high side squib drivers and is active high, while FENL
enables low side drivers and is active low. Both conditions must exist in order for the
deployment to occur. Once a deployment is initiated, it can only be terminated by a RESET
event.
L9678P allows all 4 squib loops to be deployed at the very same time or in other possible
timing sequence. Deployment drivers are capable of granting a successful deployment also
in case of short to ground on low-side circuit (SRx pins). Firing voltage capability across high
side circuit is maximum 25 V. High side and low side drivers account for a maximum series
total resistance of 2 Ω. Each loop is granted for a minimum number of deployments of 50,
under all normal operating conditions and with a deployment repetition time higher than 10s.
6.1
Control logic
A block diagram representing the deployment driver logic is shown below. Deployment
driver logic features include:
Deploy command logic
Deployment current selection
Deployment current monitoring and deploy success feedback
Diagnostic control and feedback
Figure 20. Deployment driver control blocks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com