Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9678P Datasheet(PDF) 112 Page - STMicroelectronics

Part # L9678P
Description  Automotive user configurable airbag IC
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9678P Datasheet(HTML) 112 Page - STMicroelectronics

Back Button L9678P Datasheet HTML 108Page - STMicroelectronics L9678P Datasheet HTML 109Page - STMicroelectronics L9678P Datasheet HTML 110Page - STMicroelectronics L9678P Datasheet HTML 111Page - STMicroelectronics L9678P Datasheet HTML 112Page - STMicroelectronics L9678P Datasheet HTML 113Page - STMicroelectronics L9678P Datasheet HTML 114Page - STMicroelectronics L9678P Datasheet HTML 115Page - STMicroelectronics L9678P Datasheet HTML 116Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 203 page
background image
Deployment drivers
L9678P, L9678P-S
112/203
DocID029274 Rev 3
Figure 23. Deployment driver block
6.1.1
Deployment current selection
Deployment current is programmed for all channels using the Deploy Configuration Register
(DCRx) shown in “Deployment Configuration register (DCRx).
If 1.75 A deployment current is selected, the 2 ms deployment time cannot be chosen. If a
SPI command with 2 ms and 1.75 A selection is received, L9678P will discard it and switch
to a 500 µs and 1.2 A selection instead. This misuse is flagged with the CHxDD bit in the
Deploy Status Register (DSR).
6.1.2
Deploy command expiration timer
Deploy commands are received for all channels using SPI communications. Once a deploy
command is received, it will remain valid for a specified time period selected in the Deploy
Configuration Register (DCRx). The deploy status and deploy expiration timer can be read
through the Deploy Status Register (DSRx). The deploy expiration timer is 6 bits and the
maximum time is 500 ms nominal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com