Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9678P Datasheet(PDF) 155 Page - STMicroelectronics

Part # L9678P
Description  Automotive user configurable airbag IC
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9678P Datasheet(HTML) 155 Page - STMicroelectronics

Back Button L9678P Datasheet HTML 151Page - STMicroelectronics L9678P Datasheet HTML 152Page - STMicroelectronics L9678P Datasheet HTML 153Page - STMicroelectronics L9678P Datasheet HTML 154Page - STMicroelectronics L9678P Datasheet HTML 155Page - STMicroelectronics L9678P Datasheet HTML 156Page - STMicroelectronics L9678P Datasheet HTML 157Page - STMicroelectronics L9678P Datasheet HTML 158Page - STMicroelectronics L9678P Datasheet HTML 159Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 203 page
background image
DocID029274 Rev 3
155/203
L9678P, L9678P-S
General purpose output (GPO) drivers
202
Figure 55. GPO driver block diagram - HS configuration
The drivers have to be configured in one of the two modes through the GPO Configuration
Register (GPOCR) register before being activated. This hardware configuration is only
allowed during the Init and Diag states.
When configured as high-side, the drivers need ER Boost voltage to be above the
VERBST_OK threshold to be enabled.
The default state of both drivers is off. The drivers can be independently activated via SPI
control bits on GPO Control Register (GPOCTRLx). In addition, a set point on the
GPOCTRLx will control the output drivers in PWM with a 125Hz frequency. If PWM control is
desired, user should set the needed set point in the GPOxPWM bits of the GPOCTRLx
while activating the interface. When all bits are set to '0', the GPOx output will be disabled.
PWM control is based on a 125 Hz frequency. 6 bits of GPOCTRLx are reserved to this
mode, in order to control the drivers with 64 total levels from a 0% to a full 100% duty cycle.
When both GPO channels are used in PWM Mode at the same frequency they are
synchronized to provide parallel configuration capability.
PWM control is implemented through a careful slew rate control to mitigate EMC emissions
while operating the interface. The driver output structure is designed to stand -1V on its
terminals and a +1V reverse voltage across source and drain.
The GPO driver is protected against short circuits and thermal overload conditions. The
output driver contains diagnostics available in the GPO Fault Status Register (GPOFLTSR).
All faults except for thermal overload will be latched until the GPOFLTSR register is read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com