Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9678P Datasheet(PDF) 159 Page - STMicroelectronics

Part # L9678P
Description  Automotive user configurable airbag IC
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9678P Datasheet(HTML) 159 Page - STMicroelectronics

Back Button L9678P Datasheet HTML 155Page - STMicroelectronics L9678P Datasheet HTML 156Page - STMicroelectronics L9678P Datasheet HTML 157Page - STMicroelectronics L9678P Datasheet HTML 158Page - STMicroelectronics L9678P Datasheet HTML 159Page - STMicroelectronics L9678P Datasheet HTML 160Page - STMicroelectronics L9678P Datasheet HTML 161Page - STMicroelectronics L9678P Datasheet HTML 162Page - STMicroelectronics L9678P Datasheet HTML 163Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 203 page
background image
DocID029274 Rev 3
159/203
L9678P, L9678P-S
System voltage diagnostics
202
In case the voltage to be measured is not immediately available, the desired inputs for
conversion have to be programmed by SPI in advance, to allow them to attain a stable
voltage value. This case applies to the squib resistance measurement and diagnostics (refer
to Loop diagnostics control and results registers) and to the switch sensor measurement
(refer to Section 9: DC sensor interface).
CONVRDY_0 bit in GSW is equal to (NEWDATA_A or NEWDATA_B), while CONVRDY_1
bit in GSW corresponds to (NEWDATA_C or NEWDATA_D).
Each NEWDATAx flag is asserted when conversion is finished and cleared when result is
read out. However result is cleared only when new result for that register is available.
When a new request is received it is queued if other conversions are ongoing. The
conversions are executed in the same order as their request arrived. The queue is 4
measures long so it's possible to send all 4 requests at the same time and then wait for the
results. If a DIAGCTLRx command is received twice, the second conversion request will
overwrite the previous one.
Requests are sent to the L9678P IC via the ADC measurement Registers (ADCREQx) as
shown in Table 11: Diagnostics control register (DIAGCTRLx) on page 159. All diagnostics
results are available on the ADCRESx registers, when addressed by the related ADCREQx
register (e.g. data requested by ADCREQA would be written to ADCRESA).
Table 11. Diagnostics control register (DIAGCTRLx)
ADC Request (ADCREQx)
Voltage measurement selection
ADC Results (ADCRESx)
Bit [6:0]
Hex
Bit [9:0]
000000
0
0
$00
Unused
000000
1
1
$01
ADC Test Pattern 1
Ground reference
000001
0
2
$02
ADC Test Pattern 2
Full scale reference
000001
1
3
$03
DC Sensor ch. selected, Voltage
DCSV_selected
000010
0
4
$04
DC Sensor ch. selected, Current
DCSI_selected
000010
1
5
$05
DC Sensor ch. selected, Resistance(1)
DCSV and DCSI selected
000011
0
6
$06
Squib measurement loop selected
Voutx
000011
1
7
$07
Bandgap reference Voltage
VBGR
000100
0
8
$08
Bandgap reference monitor Voltage
VBGM
000100
1
9
$09
Unused
000101
0
10
$0A
Temperature Measurement
TEMP
000101
1
11
$0B
DC Sensor ch 0, Voltage
DCSV_0
000110
0
12
$0C
DC Sensor ch 1, Voltage
DCSV_1
000110
1
13
$0D
DC Sensor ch 2, Voltage
DCSV_2
000111
0
14
$0E
DC Sensor ch 3, Voltage
DCSV_3
000111
1
15
$0F
Unused
001000
0
16
$10
Unused
001000
1
17
$11
Unused
001001
0
18
$12
Unused



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com