Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9678P Datasheet(PDF) 162 Page - STMicroelectronics

Part # L9678P
Description  Automotive user configurable airbag IC
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9678P Datasheet(HTML) 162 Page - STMicroelectronics

Back Button L9678P Datasheet HTML 158Page - STMicroelectronics L9678P Datasheet HTML 159Page - STMicroelectronics L9678P Datasheet HTML 160Page - STMicroelectronics L9678P Datasheet HTML 161Page - STMicroelectronics L9678P Datasheet HTML 162Page - STMicroelectronics L9678P Datasheet HTML 163Page - STMicroelectronics L9678P Datasheet HTML 164Page - STMicroelectronics L9678P Datasheet HTML 165Page - STMicroelectronics L9678P Datasheet HTML 166Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 203 page
background image
System voltage diagnostics
L9678P, L9678P-S
162/203
DocID029274 Rev 3
For measurements other than voltage (current, resistance, temperature etc.) the ranges are
specified in the electrical parameters section of the relevant block.
13.1
Analog to digital algorithmic converter
The device hosts an integrated 10 bit Analog to Digital converter, running at a clock
frequency of 16MHz. The ADC output is processed by a D to D converter with the following
functions:
Use of trimming bits to recover ADC offset and gain errors;
Digital low-pass filtering;
Conversion from 12 to 10 bits.
10 bits data are filtered inside the digital section. The number of samples that are filtered
varies depending on the chosen conversion. As per Section 5.1.2: System configuration
register (SYS_CFG), the number of used samples in converting DC sensor, squib or
temperature measurements defaults to 8. The number of samples for all other
measurements defaults to 4. The sample number can be configured by accessing the
SYS_CFG register. After low pass filter, the residual total error is ±4 LSB. This error figure
SFx
X
VRESDIAG
X
GPODx
X
GPOSx
X
VIN
X
VBATMON
X
WAKEUP
X
ISOK
X
VSUP
X
WDTDIS
X
RSUx
X
DCSx
X
VDDQ
X
VDD5
X
VDD3V3
X
VINT3V3
X
Bandgap (BGR/BGM)
X
TEMP
X
Table 12. Diagnostics divider ratios (continued)
Measurements
Divider Ratio
15:1
10:1
7.125:1
7:1
4:1
1:1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com