Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9678P Datasheet(PDF) 165 Page - STMicroelectronics

Part # L9678P
Description  Automotive user configurable airbag IC
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9678P Datasheet(HTML) 165 Page - STMicroelectronics

Back Button L9678P Datasheet HTML 161Page - STMicroelectronics L9678P Datasheet HTML 162Page - STMicroelectronics L9678P Datasheet HTML 163Page - STMicroelectronics L9678P Datasheet HTML 164Page - STMicroelectronics L9678P Datasheet HTML 165Page - STMicroelectronics L9678P Datasheet HTML 166Page - STMicroelectronics L9678P Datasheet HTML 167Page - STMicroelectronics L9678P Datasheet HTML 168Page - STMicroelectronics L9678P Datasheet HTML 169Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 203 page
background image
DocID029274 Rev 3
165/203
L9678P, L9678P-S
Electrical characteristics
202
15
Electrical characteristics
Every parameter in this chapter is fulfilled down to VINGOOD(max).
No device damage is granted to occur down to VINBAD(min).
GNDA pin is used as ground reference for the voltage measurements performed within the
device, unless otherwise stated.
All table or parameter declared "Design Info" are not tested during production testing
15.1
Configuration and control
All electrical characteristics are valid for the following conditions unless otherwise noted.
-40 °C
 Ta  +95 °C, VINGOOD(max)  VIN  35 V.
Table 13. Configuration and control DC specifications
N°
Symbol
Parameter
Condition
Min
Typ
Max Unit
1VNOV
Normal operating
voltage
Design Info
Depending on power supply
configuration
613
18
V
2VJSV
Jump start voltage
Design Info -40 °C ≤ Ta ≤ 50 °C
18.00
-
26.50
V
3VLDV
Load dump voltage
Transient
Design Info
26.50
-
40
V
4WU_mon
WAKEUP monitor
threshold
--
-
1.5
V
5
WU_off
WAKEUP Off threshold -
2
2.5
3
V
6
WU_on
WAKEUP On threshold -
4
4.5
5
V
7WURPD
WAKEUP pull-down
resistor
-
120
300
480
kΩ
8VBGOOD1
VBATMON input
voltage thresholds
SYS_CTL(VBATMON_TH_SEL)=0
0
5.5
-
6
V
9VBBAD1
SYS_CTL(VBATMON_TH_SEL)=0
0
5-
5.5
V
10
VBGOOD2
SYS_CTL(VBATMON_TH_SEL)=0
1
6.3
-
6.8
V
11
VBBAD2
SYS_CTL(VBATMON_TH_SEL)=0
1
5.8
-
6.3
V
12
VBGOOD3
SYS_CTL(VBATMON_TH_SEL)=1
0
7.5
-
8
V
13
VBBAD3
SYS_CTL(VBATMON_TH_SEL)=1
0
7-
7.5
V
14
VBGOOD4
SYS_CTL(VBATMON_TH_SEL)=11
8.3
-
8.8
V
15
VBBAD4
SYS_CTL(VBATMON_TH_SEL)=11
7.8
-
8.3
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com