Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9678P Datasheet(PDF) 168 Page - STMicroelectronics

Part # L9678P
Description  Automotive user configurable airbag IC
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9678P Datasheet(HTML) 168 Page - STMicroelectronics

Back Button L9678P Datasheet HTML 164Page - STMicroelectronics L9678P Datasheet HTML 165Page - STMicroelectronics L9678P Datasheet HTML 166Page - STMicroelectronics L9678P Datasheet HTML 167Page - STMicroelectronics L9678P Datasheet HTML 168Page - STMicroelectronics L9678P Datasheet HTML 169Page - STMicroelectronics L9678P Datasheet HTML 170Page - STMicroelectronics L9678P Datasheet HTML 171Page - STMicroelectronics L9678P Datasheet HTML 172Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 168 / 203 page
background image
Electrical characteristics
L9678P, L9678P-S
168/203
DocID029274 Rev 3
15.3
Internal regulators
All electrical characteristics are valid for the following conditions unless otherwise noted:
-40 °C
 Ta  +95 °C, VINGOOD1(max)  VIN  35 V.
15.4
Oscillators
All electrical characteristics are valid for the following conditions unless otherwise noted.
-40 °C
 Ta  +95 °C, 3.14  CVDD  3.46.
Table 18. Internal regulators DC specifications
N°
Symbol
Parameter
Condition
Min
Typ
Max
Unit
1VOUT_VINT3V3
VINT3V3 output voltage
-
3.14
3.3
3.46
V
2VOV_VINT3V3
VINT3V3 over voltage
-
3.47
-
3.7
V
3VUV_VINT3V3
VINT3V3 under voltage
-
2.97
-
3.13
V
4VOUT_VDD
VDD output voltage
-
3.14
3.3
3.46
V
5IOUT_VDD
VDD current capability
External Load is not allowed
-
-
50
mA
6ILIM_VDD
VDD current limit
-
80
-
-
mA
7VOV_VDD
VDD over voltage
-
3.47
-
3.7
V
8VUV_VDD
VDD under voltage
-
2.7
-
2.9
V
9CVDD
VDD output capacitance
Design Info
60
100
140
nF
Table 19. Internal regulators AC specifications
N°
Symbol
Parameter
Condition
Min
Typ.
Max
Unit
1TFLT_ VINT_VDD_OV
Internal regulator OV
Deglitch filter time
-
7
11
16
µs
2TFLT_ VINT_VDD_UV
Internal regulator UV
Deglitch filter time
-7
11
16
V
Table 20. Oscillators AC specifications
No
Symbol
Parameter
Conditions / Comments
Min
Typ
Max Unit
1fOSC
Main oscillator average
frequency
-
15.2
16
16.8 MHz
2fMOD_OSC
Main oscillator
modulation frequency
SPI_CLK_CNF(MAIN_SS_DIS=0)
Design Info
--
MHz
3IMOD_OSC
Main oscillator
modulation index
SPI_CLK_CNF(MAIN_SS_DIS=0)
3
4
5
%
4fAUX
Aux oscillator average
frequency
-
7.125
7.5
7.87
5
MHz
5fMOD_AUX
Aux oscillator
modulation frequency
SPI_CLK_CNF(AUX_SS_DIS=0)
Design Info
--
MHz
ƒOSC
128
---------------
ƒOSC_AUX
128
----------------------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com