Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9678P Datasheet(PDF) 167 Page - STMicroelectronics

Part # L9678P
Description  Automotive user configurable airbag IC
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9678P Datasheet(HTML) 167 Page - STMicroelectronics

Back Button L9678P Datasheet HTML 163Page - STMicroelectronics L9678P Datasheet HTML 164Page - STMicroelectronics L9678P Datasheet HTML 165Page - STMicroelectronics L9678P Datasheet HTML 166Page - STMicroelectronics L9678P Datasheet HTML 167Page - STMicroelectronics L9678P Datasheet HTML 168Page - STMicroelectronics L9678P Datasheet HTML 169Page - STMicroelectronics L9678P Datasheet HTML 170Page - STMicroelectronics L9678P Datasheet HTML 171Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 203 page
background image
DocID029274 Rev 3
167/203
L9678P, L9678P-S
Electrical characteristics
202
15.2
Internal analog reference
All electrical characteristics are valid for the following conditions unless otherwise noted.
-40 °C
 Ta  +95 °C, VINGOOD1(max)  VIN  35 V.
Table 14. Configuration and control AC specifications
No
Symbol
Parameter
Condition
Min
Typ
Max
Units
1TFLT_VBATMONTH
VBATMON thresholds
deglitch filter time
-26
30
34
µs
2TFLT_VINTH
VIN thresholds deglitch filter
time
-
3
3.5
4
µs
3TFLT_WAKEUP
Wakeup deglitch filter time
-
0.95
1.05
1.15
ms
4TLATCH_WAKEUP Wakeup latch time
-
9.7
10.8
11.9
ms
5tdon
Power-up delay time –
Wake-up to RESET released
--
-
10
ms
Table 15. Open ground detection DC specifications
N°
Symbol
Parameter
Condition
Min
Typ
Max
Unit
1
GNDAOPEN
GNDA threshold
GNDSUBx=0
100
200
300
mV
2GNDDOPEN
GNDD threshold
GNDSUBx=0
100
200
300
mV
3
BSTGNDOPEN
BSTGND threshold
GNDSUBx=0
100
200
300
mV
4IPU_BSTGND
BSTGND pull-up
current
-
80
120
160
µA
Table 16. Open ground detection AC specifications
N°
Symbol
Parameter
Condition
Min
Typ
Max
Unit
1TFLT_GNDREFOPEN
GNDA and GNDD
Open Deglitch Filter
Time
-7
11
16
µs
2TFLT_BSTGNDOPEN
BSTGND Latch Filter
Time
-
1.9
2.3
2.7
µs
Table 17. Internal analog reference
N°
Symbol
Parameter
Condition
Min
Typ
Max
Unit
1VBG1
Bandgap reference
-
-1%
1.2
+1%
V
2VBG2
Bandgap monitor
-
-1%
1.2
+1%
V
3VADC_GROUND
ADC Ground reference
-
-3%
103
+3%
mV
4VADC_FULLSCALE ADC Full scale reference -
-1.5%
2.5
+1.5%
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com