Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9678P Datasheet(PDF) 171 Page - STMicroelectronics

Part # L9678P
Description  Automotive user configurable airbag IC
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9678P Datasheet(HTML) 171 Page - STMicroelectronics

Back Button L9678P Datasheet HTML 167Page - STMicroelectronics L9678P Datasheet HTML 168Page - STMicroelectronics L9678P Datasheet HTML 169Page - STMicroelectronics L9678P Datasheet HTML 170Page - STMicroelectronics L9678P Datasheet HTML 171Page - STMicroelectronics L9678P Datasheet HTML 172Page - STMicroelectronics L9678P Datasheet HTML 173Page - STMicroelectronics L9678P Datasheet HTML 174Page - STMicroelectronics L9678P Datasheet HTML 175Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 203 page
background image
DocID029274 Rev 3
171/203
L9678P, L9678P-S
Electrical characteristics
202
Note:
All timing is shown with respect to 10% and 90% of the actual delivered VDDQ voltage.
Figure 58. SPI timing diagram
Table 25. SPI AC specifications
N°
Symbol
Parameter
Condition
Min
Typ
Max
Unit
1FSCLK
SPI Transfer frequency
-
-
8
8.08
MHz
2TSCLK
SPI_SCK period
-
123.8
-
-
ns
3TLEAD
Enable lead time
-
250
-
-
ns
4TLAG
Enable lag time
-
50
-
-
ns
5THIGH_SCLK
SPI_SCK high time
-
50
-
-
ns
6TLOW_SCLK
SPI_SCK low time
-
50
-
-
ns
7TSETUP_MOSI
SPI_MOSI input setup
time
-20
-
-
ns
8THOLD_MOSI
SPI_MOSI input hold
time
-20
-
-
ns
9TACC_MISO
SPI_MISO access time
80pF load
-
-
60
ns
10
TDIS_MISO
SPI_MISO disable time
80pF load
-
-
100
ns
11
TVALID_MISO_OUT
SPI_MISO output valid
time
80pF load
-
-
30
ns
12
THOLD_MISO_OUT
SPI_MISO output hold
time
80pF load
0
-
-
ns
13
TSETUP_MISO_IN
SPI_MISO Input Setup
Time
20
ns
14
THOLD_MISO_IN
SPI_MISO Input Hold
Time
20
ns
15
THOLD_SCLK
SPI_SCK hold time
-
20
-
-
ns
16
TFLT_CS
SPI_CS noise glitch
rejection time
-50
-
300
ns
17
TNODATA
SPI interframe time
-
400
-
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com