Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9678P Datasheet(PDF) 174 Page - STMicroelectronics

Part # L9678P
Description  Automotive user configurable airbag IC
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9678P Datasheet(HTML) 174 Page - STMicroelectronics

Back Button L9678P Datasheet HTML 170Page - STMicroelectronics L9678P Datasheet HTML 171Page - STMicroelectronics L9678P Datasheet HTML 172Page - STMicroelectronics L9678P Datasheet HTML 173Page - STMicroelectronics L9678P Datasheet HTML 174Page - STMicroelectronics L9678P Datasheet HTML 175Page - STMicroelectronics L9678P Datasheet HTML 176Page - STMicroelectronics L9678P Datasheet HTML 177Page - STMicroelectronics L9678P Datasheet HTML 178Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 203 page
background image
Electrical characteristics
L9678P, L9678P-S
174/203
DocID029274 Rev 3
15.9
ER charge
All electrical characteristics are valid for the following conditions unless otherwise noted.
-40 °C
 Ta  +95 °C, VINGOOD1(max)  VIN  35 V, 8 V  ERBOOST.
15.10
ER switch
All electrical characteristics are valid for the following conditions unless otherwise noted.
-40 °C
 Ta  +95 °C, VINGOOD1(max)  VIN  35 V.
Table 29. ER current generator DC specifications
N°
Symbol
Parameter
Condition
Min
Typ
Max
Unit
1IER_CHARGE
ER charge current
ERBOOST – VER
 3 V
-33
-30
-27
mA
2RDSON_ERCHARGE
ER charge power
resistance
(VERBOOST - VVER) / IVER
IVER = 10mA
--
22
Ω
Table 30. ER current generator AC specifications
N°
Symbol
Parameter
Condition
Min
Typ
Max
Unit
1TON_ERCAP
Energy reserve capacitor
charge-up time
CVER  4.7mF nominal,
BST33V = 0; Design Info
--
6
s
Table 31. ER switch DC specifications
N°
Symbol
Parameter
Condition
Min
Typ
Max
Unit
1RDSON ERSW
Power switch resistance
ILIM,ERSW(min)
0.5
-
3
Ω
2ILIM,ERSW
ER switch current limit
-
400
-
600
mA
3TJSD_ERSW
Thermal shutdown
-
150
175
190
°C
4THYS_TSDERSW
-5
10
15
°C
Table 32. ER switch AC specifications
N°
Symbol
Parameter
Condition
Min
Typ
Max
Unit
1TON_ERSW
ER turn-on time (time to
reach either RDSON_ERSW or
ILIM_ERSW)
CVIN = 10µF
-
-
5
µs
2TFLT_TSD_ERSW Thermal shutdown filter time -
-
-
10
µs
3TBLK_ERSW
ER switch activation blanking
time after thermal shutdown
--
1
-
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com