Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9678P Datasheet(PDF) 172 Page - STMicroelectronics

Part # L9678P
Description  Automotive user configurable airbag IC
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9678P Datasheet(HTML) 172 Page - STMicroelectronics

Back Button L9678P Datasheet HTML 168Page - STMicroelectronics L9678P Datasheet HTML 169Page - STMicroelectronics L9678P Datasheet HTML 170Page - STMicroelectronics L9678P Datasheet HTML 171Page - STMicroelectronics L9678P Datasheet HTML 172Page - STMicroelectronics L9678P Datasheet HTML 173Page - STMicroelectronics L9678P Datasheet HTML 174Page - STMicroelectronics L9678P Datasheet HTML 175Page - STMicroelectronics L9678P Datasheet HTML 176Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 203 page
background image
Electrical characteristics
L9678P, L9678P-S
172/203
DocID029274 Rev 3
15.8
ER boost
All electrical characteristics are valid for the following conditions unless otherwise noted.
-40 °C
 Ta  +95 °C, VINGOOD1(max)  VIN  18 V.
Table 26. ER Boost converter DC specifications
N°
Symbol
Parameter
Condition
Min
Typ
Max
Unit
1
VO_ERBST
Boost output voltage
Across all line and IO_BST load
(steady state)
ERBST33V=0
Test conditions: IO_BST = 0.1 &
40mA
22.4
23.8
25
V
2
Across all line and IO_BST load
(steady state)
ERBST33V=1
Test conditions: IO_BST = 0.1 &
20mA
31.4
33
35
V
3
IO_ERBST
Boost output current
BST33V = 0
0.1
-
60
mA
4
BST33V = 1
0.1
-
40
mA
5dVSR_ac
Line transient response
All line, load; dt=100us;
BST33V = 0/1
Design Info
-8%
-
8%
%
6dVLR_ac
Load transient response
All line, load; dt=100us;
BST33V = 0/1
Design Info
-8%
-
8%
%
7RDSON_ERBST Power switch resistance -
-
-
1
Ω
8IOC_ERBST
Over current detection
-
550
-
800
mA
9ILKG_ERBST
ERBOOST leakage
current
ERBOOST=40V
Device off
--
5
µA
10
VERBST_OK
ERBOOST voltage
threshold
BST33V = 0
18
20
22
V
11
BST33V = 1
26
28
30
V
12
VERBST_OV
ERBOOST Over Voltage
threshold
BST33V = 0
22.6
25
V
13
BST33V = 1
31.65
35
V
14
VERBST_DIS_TH
Voltage difference
between VIN and
ERBOOST to deactivate
the ER Boost regulator
VIN – ERBOOST
1.6
2.2
2.5
V
15
VCLAMP_EN_TH
Voltage difference
between ERBSTSW and
ERBOOST to activate
the ER Boost CLAMP
ERBSTSW – ERBOOST
1.6
2.2
2.5
V
16
TJSD_ERBST
Thermal shutdown
-
150
175
190
°C
17 THYS_TSDERBST
-5
10
15
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com