Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9678P Datasheet(PDF) 169 Page - STMicroelectronics

Part # L9678P
Description  Automotive user configurable airbag IC
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9678P Datasheet(HTML) 169 Page - STMicroelectronics

Back Button L9678P Datasheet HTML 165Page - STMicroelectronics L9678P Datasheet HTML 166Page - STMicroelectronics L9678P Datasheet HTML 167Page - STMicroelectronics L9678P Datasheet HTML 168Page - STMicroelectronics L9678P Datasheet HTML 169Page - STMicroelectronics L9678P Datasheet HTML 170Page - STMicroelectronics L9678P Datasheet HTML 171Page - STMicroelectronics L9678P Datasheet HTML 172Page - STMicroelectronics L9678P Datasheet HTML 173Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 203 page
background image
DocID029274 Rev 3
169/203
L9678P, L9678P-S
Electrical characteristics
202
15.5
Watchdog
All electrical characteristics are valid for the following conditions unless otherwise noted:
-40 °C
 Ta  +95 °C,VINGOOD1(max)  VIN  35 V
15.6
Reset
All electrical characteristics are valid for the following conditions unless otherwise noted:
-40 °C
 Ta  +95 °C; VINGOOD1(max)  VIN  35 V, VDDx(min)  VDDx  VDDx(max),
VDDQ = VDD5 or VDD3V3
6IMOD_AUX
Aux oscillator
modulation index
SPI_CLK_CNF(AUX_SS_DIS=0)
3
4
5
%
7fOSC_LOW_TH
Main oscillator Low
Frequency Detection
Threshold
--
-
MHz
Table 20. Oscillators AC specifications (continued)
No
Symbol
Parameter
Conditions / Comments
Min
Typ
Max Unit
128
174
---------- ƒAUX
Table 21. Temporal watchdog timer AC specifications
N°
Symbol
Parameter
Condition
Min
Typ
Max
Unit
1TWDT1_TIMEOUT
Temporal watchdog
timeout
-
-
-
2.00
ms
--
16.3
ms
2TWDT1_RST
Temporal Watchdog
Reset Time
-0.9
-
1.1
ms
Table 22. Reset DC specifications
N°
Symbol
Parameter
Condition
Min
Typ
Max
Unit
1VOH_RESET
RESET output voltage
ILOAD = -0.5 mA
VDDQ
-0.6
-
VDDQ
V
2VOL_RESET
ILOAD = 2.0 mA
0
-
0.4
V
3RPD_RESET
RESET pull down
resistance
RESET=VDDQ, Device OFF
65
100
135
kΩ
Table 23. Reset AC specifications
N°
Symbol
Parameter
Condition
Min
Typ
Max
Unit
1TRISE_RESET
Rise Time
80pF load, 20%-80%
-
-
1.00
µs
2TFALL_RESET
Fall Time
80pF load, 20%-80%
-
-
1.00
µs
3THOLD_RESET
Reset Hold Time
-
0.45
0.5
0.55
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com