Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9678P Datasheet(PDF) 170 Page - STMicroelectronics

Part # L9678P
Description  Automotive user configurable airbag IC
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9678P Datasheet(HTML) 170 Page - STMicroelectronics

Back Button L9678P Datasheet HTML 166Page - STMicroelectronics L9678P Datasheet HTML 167Page - STMicroelectronics L9678P Datasheet HTML 168Page - STMicroelectronics L9678P Datasheet HTML 169Page - STMicroelectronics L9678P Datasheet HTML 170Page - STMicroelectronics L9678P Datasheet HTML 171Page - STMicroelectronics L9678P Datasheet HTML 172Page - STMicroelectronics L9678P Datasheet HTML 173Page - STMicroelectronics L9678P Datasheet HTML 174Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 203 page
background image
Electrical characteristics
L9678P, L9678P-S
170/203
DocID029274 Rev 3
15.7
SPI interface
All electrical characteristics are valid for the following conditions unless otherwise noted.
-40 °C
 Ta  +95 °C, VINGOOD1(max)  VIN  35 V, VDDx(min)  VDDx  VDDx(max)
VDDQ = VDD5 or VDD3V3.
Table 24. SPI DC specifications
N°
Symbol
Parameter
Condition
Min
Typ
Max
Unit
1VIH_CS
SPI_CS high level input
voltage
-2
-
-
V
2VIL_CS
SPI_CS low level input
voltage
--
-
0.8
V
3IPU_CS
SPI_CS pull up current
SPI_CS = 0V
-70
-45
-20
µA
4VIH_MOSI
MOSI high level input
voltage
-2
-
-
V
5VIL_MOSI
MOSI low level input
voltage
--
-
0.8
V
6IPD_MOSI
SPI_MOSI pull down
current
SPI_MOSI = VDDQ
20
45
70
µA
7VIH_SCK
SCK high level input
voltage
-2
-
-
V
8VIL_SCK
SCK low level input
voltage
--
-
0.8
V
9IPD_SCK
SPI_SCK pull down
current
SPI_SCK = VDDQ
20
45
70
µA
10
VOH_MISO
SPI_MISO high level
output voltage
ILOAD = -800µA
VDDQ
-0.5
-
VDDQ
V
11
VOL_MISO
SPI_MISO low level
output voltage
ILOAD = 2.0mA
-
-
0.4
V
12
VIH_MISO
SPI_MISO high level
input voltage
-2
-
-
V
13
VIL_MISO
SPI_MISO low level
input voltage
--
-
0.8
V
14
ILKG_MISO
SPI_MISO tri-state
leakage
SPI_MISO= VDDQ or 0V
-10
-
10
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com