Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9678P Datasheet(PDF) 176 Page - STMicroelectronics

Part # L9678P
Description  Automotive user configurable airbag IC
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9678P Datasheet(HTML) 176 Page - STMicroelectronics

Back Button L9678P Datasheet HTML 172Page - STMicroelectronics L9678P Datasheet HTML 173Page - STMicroelectronics L9678P Datasheet HTML 174Page - STMicroelectronics L9678P Datasheet HTML 175Page - STMicroelectronics L9678P Datasheet HTML 176Page - STMicroelectronics L9678P Datasheet HTML 177Page - STMicroelectronics L9678P Datasheet HTML 178Page - STMicroelectronics L9678P Datasheet HTML 179Page - STMicroelectronics L9678P Datasheet HTML 180Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 203 page
background image
Electrical characteristics
L9678P, L9678P-S
176/203
DocID029274 Rev 3
9
VDD5UV
Under voltage detection
-
4.5
-
4.8
V
10
VDD5UVL
Under voltage detection low
level
-
1.822.2
V
Table 35. VDD5 regulator DC specifications (continued)
N°
Symbol
Parameter
Condition
Min
Typ
Max
Unit
Table 36. VDD5 regulator AC specifications
N°
Symbol
Parameter
Condition
Min
Typ
Max
Unit
1TSOFTST_VDD5 Soft start time
From 10% to 90%
1
2
3
ms
2TFLT_VDD5OV
Over voltage
detection deglitch filter time
-
273033
µs
3TFLT_VDD5UV
Under voltage
detection deglitch filter time
-
273033
µs
4TFLT_VDD5UVL
Under voltage low
detection deglitch filter time
-
1.5
2
2.5
µs
Table 37. VDD5 regulator external components (Design Info)
N°
Symbol
Parameter
Condition
Min
Typ
Max
Unit
1hFE_PNP
Output transistor gain
-
50
250
500
A/A
2Ft_PNP
Output transistor transit
frequency
-30
-
-
MHz
3RVDD5BE
Output transistor base-
emitter
Pull-up resistance
--
3
-
k
4CBLK_VDD5
Output bulk capacitance
Min 4.7µF nominal
3
-
30
µF
5
ESRCBLK_VDD5 Bulk capacitor ESR
-
-
-
50
mΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com