Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9678P Datasheet(PDF) 201 Page - STMicroelectronics

Part # L9678P
Description  Automotive user configurable airbag IC
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9678P Datasheet(HTML) 201 Page - STMicroelectronics

Back Button L9678P Datasheet HTML 195Page - STMicroelectronics L9678P Datasheet HTML 196Page - STMicroelectronics L9678P Datasheet HTML 197Page - STMicroelectronics L9678P Datasheet HTML 198Page - STMicroelectronics L9678P Datasheet HTML 199Page - STMicroelectronics L9678P Datasheet HTML 200Page - STMicroelectronics L9678P Datasheet HTML 201Page - STMicroelectronics L9678P Datasheet HTML 202Page - STMicroelectronics L9678P Datasheet HTML 203Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 201 / 203 page
background image
DocID029274 Rev 3
201/203
L9678P, L9678P-S
Errata sheet
202
18
Errata sheet
Table 65. Errata sheet
#
Category /
Function
Issue description
1
Deployment
Deployment current counter feature is not available, as consequence the high side driver
diagnostic is not available as well.
2Safing
There is an issue inside digital block that could prevent ARMING to be removed. This
issue does not affect the activation of ARM signals but it’s just related to removal of it.
This happens when the sign of acceleration data changes from positive to negative and
vice versa. When negative data is received and abs value is below threshold only the
negative event counter is decremented (the correct implementation should be that both
positive and negative counters must be decremented). When negative data is received
and abs value is above the threshold the negative event counter is incremented and
positive is decremented (so no issue in this case). You can apply the same
considerations when positive data is received.
We can show the effect of this issue with an example.
Suppose a threshold equal to 8 and 3 samples above th. to arm.
The sequence of incoming data is: +10,+10,+10, -1, -1, +1.
After the third data equal to +10 the device will correctly arm but disarm will happen only
when +1 is received while correct behavior should be that disarm happens when the first
-1 is received.
3Safing
There is an issue inside digital block that affects functionality of ARMING if COMBINE
function is selected.
Use record1 and record2 to make an example with COMBINE enabled.
In record 1 we will store the sum between data1 and data2.
The logic should look at the sign of sum calculation to increment pos. or neg. event
counter.
The issue is that logic looks at the sign of data1 to increment pos. or neg. event counter.
This has effect on ARMING and DISARMING.
We can suppose a sequence like this:
Data1: +1, -1, +1, -1, +1, -1.
Data2: +10, +10, +10, +10, +10
If threshold is 8 we should ARM after the third sample but in this case we will never ARM.
4Safing
There is an issue inside arming digital block that prevents the use of sensors where MSB
(first bit received) belongs to data field. If this is the case the data will not be processed
correctly by the logic and ARMING will be affected.
5Safing
There is an issue inside arming digital block that prevents multiple change of data mask
registers. This because data mask register is processed just one time each RESET cycle
when safing record is enabled and SAF_CC is read. So data mask register must be
written before enabling the record and cannot be changed after the first SAF_CC read
otherwise the data will not be processed correctly and this could affect ARMING function.
6Safing
There is an issue inside arming digital block that affects WID_ERR set in case
microcontroller sends SPI command to change SAF_DATA_MASK register not in the
correct phase.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com