Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9678P Datasheet(PDF) 195 Page - STMicroelectronics

Part # L9678P
Description  Automotive user configurable airbag IC
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9678P Datasheet(HTML) 195 Page - STMicroelectronics

Back Button L9678P Datasheet HTML 191Page - STMicroelectronics L9678P Datasheet HTML 192Page - STMicroelectronics L9678P Datasheet HTML 193Page - STMicroelectronics L9678P Datasheet HTML 194Page - STMicroelectronics L9678P Datasheet HTML 195Page - STMicroelectronics L9678P Datasheet HTML 196Page - STMicroelectronics L9678P Datasheet HTML 197Page - STMicroelectronics L9678P Datasheet HTML 198Page - STMicroelectronics L9678P Datasheet HTML 199Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 195 / 203 page
background image
DocID029274 Rev 3
195/203
L9678P, L9678P-S
Electrical characteristics
202
15.22.1
Analog to digital converter
All electrical characteristics are valid for the following conditions unless otherwise noted.
-40 °C
 Ta  +95 °C, VINGOOD(max)  VIN  35V.
Table 61. Analog to digital converter
N°
Symbol
Parameter
Condition
Min
Typ
Max
Unit
1VADC_RANGE
ADC input voltage range -
0.1
-
2.5
V
2VADC_REF
ADC reference voltage
-
-1.5%
2.5
+1.5%
V
3
ADC_RES
ADC resolution(1)
Design Info
-
10
-
bit
4
DNL
Differential non linearity
error (DNL)
Separation between adjacent
levels, measured bit to bit of
actual and an ideal output step.
No missing codes
-1
-
+1
LSB
5INL
Integral non linearity
error (INL)
Maximum difference between
the actual analog value at the
transition between 2 adjacent
steps and its ideal value
-3
-
+3
LSB
6EQUANT
Quantization Error
Design Info
-0.5
-
0.5
LSB
7
TotErr
Total error
Includes INL, DNL, ADC
Reference voltage tolerance
and quantization error
-15
-
+15
LSB
8
TotErr_0v1
ADC total error for 0.1V
input voltage
--5
-
+5
LSB
9
TotErr_2v4
ADC total error for 2.4V
input voltage
-
-15
-
+15
LSB
10
-
Pre-ADC settling time
-
-
4.81
-
µs
11
-
Single conversion time
-
-
2.25
-
µs
12
-
Intra-queue settling time -
-
3.5
-
µs
13
-
Post- ADC settling time
-
-
3.44
-
µs
14
-
ADC conversion time -
voltage
4x sampling for each of the 4
conversions in the queue
Design Info
-
54.75
-
µs
15
-
ADC conversion time –
current and voltage
8x sampling for DCS,
temperature and squib loop
resistance measurements + 4x
sampling for remaining 2
conversions in the queue
Design Info
-
51.25
-
µs
1. LSB = (2.5 V / 1024) = 2.44 mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com