Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9678P Datasheet(PDF) 192 Page - STMicroelectronics

Part # L9678P
Description  Automotive user configurable airbag IC
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9678P Datasheet(HTML) 192 Page - STMicroelectronics

Back Button L9678P Datasheet HTML 188Page - STMicroelectronics L9678P Datasheet HTML 189Page - STMicroelectronics L9678P Datasheet HTML 190Page - STMicroelectronics L9678P Datasheet HTML 191Page - STMicroelectronics L9678P Datasheet HTML 192Page - STMicroelectronics L9678P Datasheet HTML 193Page - STMicroelectronics L9678P Datasheet HTML 194Page - STMicroelectronics L9678P Datasheet HTML 195Page - STMicroelectronics L9678P Datasheet HTML 196Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 203 page
background image
Electrical characteristics
L9678P, L9678P-S
192/203
DocID029274 Rev 3
Table 58. GPO Driver Interface - AC specifications
N°
Symbol
Parameter
Condition
Min
Typ
Max
Unit
1SRGPO
Output voltage slew rate
30% - 70%;
RLOAD = 273Ω, CLOAD = 100nF
0.1
0.25
0.4
V/µs
2TFLT_OC_GPO
Over current detection
filter time
-
101214
µs
3TFLT_OL_GPO
Open load detection filter
time
-
8
10
12
µs
4TMASK_ON_GPO
Diagnostic mask delay
after switch ON
CGPO = 100nF typ
40
50
60
µs
5TFLT_TSD
Thermal shutdown filter
time
--
-
10
µs
6FPWM_GPO
PWM frequency
-
-
125
-
Hz
7DCPWM_GPO
PWM duty cycle
Increment Step = 1.6%
0
-
100
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com