Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9678P Datasheet(PDF) 193 Page - STMicroelectronics

Part # L9678P
Description  Automotive user configurable airbag IC
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9678P Datasheet(HTML) 193 Page - STMicroelectronics

Back Button L9678P Datasheet HTML 189Page - STMicroelectronics L9678P Datasheet HTML 190Page - STMicroelectronics L9678P Datasheet HTML 191Page - STMicroelectronics L9678P Datasheet HTML 192Page - STMicroelectronics L9678P Datasheet HTML 193Page - STMicroelectronics L9678P Datasheet HTML 194Page - STMicroelectronics L9678P Datasheet HTML 195Page - STMicroelectronics L9678P Datasheet HTML 196Page - STMicroelectronics L9678P Datasheet HTML 197Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 193 / 203 page
background image
DocID029274 Rev 3
193/203
L9678P, L9678P-S
Electrical characteristics
202
15.22
ISO9141 interface (K-LINE)
All electrical characteristics are valid for the following conditions unless otherwise noted.
-40 °C
 Ta  +95 °C, VINGOOD(max)  VIN  35V.
Table 59. ISO9141 interface DC specifications
N°
Symbol
Parameter
Condition
Min
Typ
Max
Unit
1VIH_ISOTX
ISOTX high level
input voltage
-2
-
-
V
2VIL_ISOTX
ISOTX low level
input voltage
--
-
0.8
V
3VHYS_ISOTX
ISOTX hysteresis
input voltage
-
150
-
500
mV
4IPU_ISOTX
ISOTX pull up current
ISOTX = 0
-70
-45
-20
µA
5CIN_ISOTX
ISOTX input
capacitance
Design Info
-
-
5
pF
6VTH_DOM_ISOK
ISOK input receiver
threshold
ISOTX = 0V
VIN *
0.4
VIN *
0.45
VIN *
0.5
V
7VTH_REC_ISOK
ISOTX = VDDQ
VIN *
0.5
VIN *
0.55
VIN *
0.6
V
8VHYS_ISOK
-
VIN *
0.07
VIN *
0.1
VIN *
0.13
V
9VO_DOM_ISOK
ISOK output voltage
ISOTX = 0V,
IISOK = 40mA
--
1.2
V
10
IOC_ISOK
ISOK over current
detection
-
50
-
100
mA
11
ILIM_ISOK
ISOK current limitation
-
50
-
100
mA
12
∆ILIM_OC_ISOK
Difference between
current limitation and
OC threshold
ILIM_ISOK - IOC_ISOK
0.1
-
-
mA
13
ISINK_ISOK
ISOK sink current
capability
Design Info
40
-
-
mA
14
ILKG_ISOK
ISOK input leakage
current
VIN < 18V, Driver Off (device is
supplied)
-10
-
10
µA
15
VOH_ISORX
ISORX output high
voltage
ILOAD = -0.5 mA
VDD
Q
-0.60
-
VDD
Q
V
16
VOL_ISORX
ISORX output low
voltage
ILOAD = 2 mA
0
-
0.4
V
17
CIN
ISOK Input
Capacitance
Design info
-
-
10
pF
18
TJSD_ISOK
Thermal shutdown
-
150
175
190
°C
19
THYS_TSD_ISOK
-5
10
15
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com