Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9678P Datasheet(PDF) 191 Page - STMicroelectronics

Part # L9678P
Description  Automotive user configurable airbag IC
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9678P Datasheet(HTML) 191 Page - STMicroelectronics

Back Button L9678P Datasheet HTML 187Page - STMicroelectronics L9678P Datasheet HTML 188Page - STMicroelectronics L9678P Datasheet HTML 189Page - STMicroelectronics L9678P Datasheet HTML 190Page - STMicroelectronics L9678P Datasheet HTML 191Page - STMicroelectronics L9678P Datasheet HTML 192Page - STMicroelectronics L9678P Datasheet HTML 193Page - STMicroelectronics L9678P Datasheet HTML 194Page - STMicroelectronics L9678P Datasheet HTML 195Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 203 page
background image
DocID029274 Rev 3
191/203
L9678P, L9678P-S
Electrical characteristics
202
15.21
General purpose output drivers
All electrical characteristics are valid for the following conditions unless otherwise noted.
-40 °C
 Ta  +95 °C, VINGOOD1(max)  VIN  35V; GPODx + 5V  ERBOOST.
Table 57. GPO interface DC specifications
N°
Symbol
Parameter
Condition
Min
Typ
Max
Unit
1VSAT_GPO
Output saturation
voltage
VGPOD – VGPOS
ILOAD = 70 mA
--
0.5
V
2ILIM_GPO
Current limitation
VGPOD – VGPOS = 1.5 V
73
110
155
mA
3IOC_GPO
Over current detection
threshold
-
73
110
155
mA
4
∆ILIM_OC_GPO
Difference between
current limitation and
OC threshold
ILIM_GPO - IOC_GPO
0.1
-
-
mA
5IOL_GPO
Open load current
threshold
GPO ON condition; LS and HS
configuration
0.1
1
3
mA
6IDIAG_GPO
Diagnostic current on
load
Voltage measurement in progress
through Analog MUX
Increased leakage for a short
specified time (32 µs)
--
130
µA
7ILKG_GPOD_OFF
GPOD output leakage
current
VGPOD = 18V
VGPOS = 0V
Power-off or sleep mode
-5
-
5
µA
8ILKG_GPOD_ON
VGPOD = 18V
VGPOS = 0V
Active or passive mode
Driver off
--
100
µA
9ILKG_GPOS_OFF
GPOS output leakage
current
VGPOD = 18V
VGPOS = 0V
Power-Off or Sleep Mode or
ERBOOST = ERBOOST_OK
Driver OFF
-5
-
5
µA
10
ILKG_GPOS_ON
VGPOD = 18V
VGPOS = 0V
(Active or Passive Mode) and
ERBOOST = ERBOOST_OK
Driver OFF
--
100
µA
11
IREV_GPO
Reverse current
VGPOS = VGPOD + 1V
Driver OFF
-1
mA
12
TJSD_GPO
Thermal Shutdown
-
150
175
190
°C
13
THYS_TSD_GPO
-
5
10
15
°C
14
CGPO
Load capacitor
Min 10nF nominal
Design Info
6-
-
nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com