Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9678P Datasheet(PDF) 187 Page - STMicroelectronics

Part # L9678P
Description  Automotive user configurable airbag IC
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9678P Datasheet(HTML) 187 Page - STMicroelectronics

Back Button L9678P Datasheet HTML 183Page - STMicroelectronics L9678P Datasheet HTML 184Page - STMicroelectronics L9678P Datasheet HTML 185Page - STMicroelectronics L9678P Datasheet HTML 186Page - STMicroelectronics L9678P Datasheet HTML 187Page - STMicroelectronics L9678P Datasheet HTML 188Page - STMicroelectronics L9678P Datasheet HTML 189Page - STMicroelectronics L9678P Datasheet HTML 190Page - STMicroelectronics L9678P Datasheet HTML 191Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 203 page
background image
DocID029274 Rev 3
187/203
L9678P, L9678P-S
Electrical characteristics
202
15
DACRES
DAC resolution
Design info
-
7
-
Bit
16
ILSB
LSB current
-
270
-
330
µA
17
CRSU
EMC capacitor
22nF nominal
Design Info
13
-
-
nF
18
TJSD_ERBST
Thermal shutdown
-
150
175
190
°C
19 THYS_TSDERBST
-5
10
15
°C
Table 52. Remote sensor I/F DC parameters (continued)
N°
Symbol
Parameter
Condition
Min
Typ
Max
Unit
Table 53. PSI-5 remote sensor transceiver - AC specifications
N°
Symbol
Parameter
Condition
Min
Typ
Max
Unit
1
TFLT_STD_RSU
Over Current
Shutdown Filter Time
Normal operation
500
-
600
µs
TBLK_OC_RSU
Over current
shutdown filter time
At interface power on
(BLKTxSEL = 0)
According to PSI-5 v1.3,
section 5.2 - parameter #1
4.6
-
5.4
ms
2
3
At interface power on
(BLKTxSEL = 1)
According to PSI-5 v1.3,
section 5.2 - parameter #2
9.4
-
10.8
ms
4
TSTB_RSU
Short to battery
comparator response
time
Guaranteed by design
-
-
200
ns
5
TSTB_REC_RSU
Short to battery
recovery time
-
12
-
16
µs
6
TFLT_TSD_RSU
Thermal shutdown
filter time
--
10
µs
7
TFLT_OPEN_RSU
Open detection
deglitch filter time
-
10
-
15
µs
8
TFLT_LKG_RSU
Leakage deglitch filter
time
-
10
-
15
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com