Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9678P Datasheet(PDF) 185 Page - STMicroelectronics

Part # L9678P
Description  Automotive user configurable airbag IC
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9678P Datasheet(HTML) 185 Page - STMicroelectronics

Back Button L9678P Datasheet HTML 181Page - STMicroelectronics L9678P Datasheet HTML 182Page - STMicroelectronics L9678P Datasheet HTML 183Page - STMicroelectronics L9678P Datasheet HTML 184Page - STMicroelectronics L9678P Datasheet HTML 185Page - STMicroelectronics L9678P Datasheet HTML 186Page - STMicroelectronics L9678P Datasheet HTML 187Page - STMicroelectronics L9678P Datasheet HTML 188Page - STMicroelectronics L9678P Datasheet HTML 189Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 203 page
background image
DocID029274 Rev 3
185/203
L9678P, L9678P-S
Electrical characteristics
202
15.17.3
High/low side FET test
All electrical characteristics are valid for the following conditions unless otherwise noted.
-40 °C
 Ta  +95 °C, VINGOOD1(max)  VIN  35 V, 6 V  SSxy  35 V, 7V  VRESDIAG 
35V.
15.17.4
Deployment timer test
All electrical characteristics are valid for the following conditions unless otherwise noted.
-40 °C
 Ta  +95 °C, VINGOOD1(max)  VIN  35 V
Table 50. High/low side FET test
N°
Symbol
Parameter
Condition
Min
Typ
Max
Unit
1IHS_FET_TH
Detection threshold
(HS FET test)
-
-10%
1.8
+10%
mA
2ILS_FET_TH
Detection threshold low
side FET test
-
-10%
450
+10%
µA
3EFET_TESt
Energy transferred to
squib during HS/LS FET
tests
Design Info
-
-
170
µJ
4
TFLT_HS_FET_TH
TFLT_LS_FET_TH
FET Test deglitch filter
time
-1.3
1.5
1.7
µs
5
TFETTIMEOUT
HS/LS FET test time-out
-
190
200
210
µs
6SGxy_OPEN
Squib open ground
detection
GNDSUBx as ground
reference
300
450
600
mV
7TFLT_SGOPEN
Squib open ground
detection filter time
-46
50
54
µs
Table 51. Deployment timer test
No
Symbol
Parameter
Comments / Conditions
Min
Typ
Max
Unit
1tPULSE_IDLE
Deployment timer pulse
Test Idle Time
SYSDIAGREQ(DSTEST)=PULSE
7
8
9
ms
2IPULSE_HIGH_00
Deployment timer pulse
Test High Time
SYSDIAGREQ(DSTEST)=PULSE
DCR_x(Deploy_Time) = 00
-5%
8
+5%
µs
3IPULSE_HIGH_01
SYSDIAGREQ(DSTEST)=PULSE
DCR_x(Deploy_Time) = 01
-5%
584
+5%
µs
4IPULSE_HIGH_10
SYSDIAGREQ(DSTEST)=PULSE
DCR_x(Deploy_Time) = 10
-5%
792
+5%
µs
5IPULSE_HIGH_11
SYSDIAGREQ(DSTEST)=PULSE
DCR_x(Deploy_Time) = 11
-5%
2160
+5%
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com