Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9678P Datasheet(PDF) 184 Page - STMicroelectronics

Part # L9678P
Description  Automotive user configurable airbag IC
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9678P Datasheet(HTML) 184 Page - STMicroelectronics

Back Button L9678P Datasheet HTML 180Page - STMicroelectronics L9678P Datasheet HTML 181Page - STMicroelectronics L9678P Datasheet HTML 182Page - STMicroelectronics L9678P Datasheet HTML 183Page - STMicroelectronics L9678P Datasheet HTML 184Page - STMicroelectronics L9678P Datasheet HTML 185Page - STMicroelectronics L9678P Datasheet HTML 186Page - STMicroelectronics L9678P Datasheet HTML 187Page - STMicroelectronics L9678P Datasheet HTML 188Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 184 / 203 page
background image
Electrical characteristics
L9678P, L9678P-S
184/203
DocID029274 Rev 3
15.17.2
Squib leakage test (VRCM)
All electrical characteristics are valid for the following conditions unless otherwise noted.
-40 °C
 Ta  +95 °C, VINGOOD1(max)  VIN  35 V,
VDD3V3(min)
 VDD3V3  VDD3V3(max).
14
RSQ_ACC
Accuracy of digital
resistance
measurement
After software calculation
All errors included
RSQ between 1.0 Ω and 10.0 Ω
With High Current Source (40mA)
-8
-
+8
%
15
-
EMI Input Low-pass
filter
Design Info
50
-
100
kHz
Table 48. Deployment drivers diagnostics (Squib resistance) (continued)
N°
Symbol
Parameter
Condition
Min
Typ
Max
Unit
Table 49. Squib leakage test (VRCM)
N°
Symbol
Parameter
Condition
Min
Typ
Max
Unit
1
VOUT_VRCM
Output Voltage on SF or
SR pins during Leakage
test
IOUT = 0 mA
-10%
2.5
+10%
V
2IOUT = 6.6 mA
-8.7%
2.3
+8.7%
V
3RLKG_GSQ_TH
Detection threshold,
leakage to GND
Leakage detected if
RLKG_GSQ  1 kΩ and not
detected if RLKG_GSQ  10 kΩ
Design Info
1-
10
kΩ
4ILKG_GSQ_TH
Equivalent to resistance
range
-15%
450
+15%
µA
5RLKG_BSQ_TH
Detection threshold,
leakage to BATTERY
Leakage detected if LKG_BSQ
 1 kΩ and not detected if
RLKG_BSQ  10 kΩ
Design Info
1-
10
kΩ
6ILKG_BSQ_TH
Equivalent to resistance
range
-15%
1.8
+15%
mA
7ILIM_VRCM_SRC VRCM current limitation
-
-20
-
-10
mA
8ILIM_VRCM_SINK
-10
-
20
mA
9VSHIFT
External ground or battery
shift
Design Info
-1
-
1
V
10
RSQ_LOW_TH
Detection Threshold for
“resistance too low”
Design Info
200
-
500
Ω
11
IRSQ_LOW_TH
Equivalent to resistance
range
-12%
6
+12%
mA
12
RSQ_HIGH_TH
Detection threshold for
“resistance too high”
Design Info
2
-
5
kΩ
13
IRSQ_HIGH_TH
Equivalent to resistance
range
-15%
700
+15%
µA
14
TFLT_LKG
Leakage test deglitch filter
time
-8
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com