Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9678P Datasheet(PDF) 182 Page - STMicroelectronics

Part # L9678P
Description  Automotive user configurable airbag IC
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9678P Datasheet(HTML) 182 Page - STMicroelectronics

Back Button L9678P Datasheet HTML 178Page - STMicroelectronics L9678P Datasheet HTML 179Page - STMicroelectronics L9678P Datasheet HTML 180Page - STMicroelectronics L9678P Datasheet HTML 181Page - STMicroelectronics L9678P Datasheet HTML 182Page - STMicroelectronics L9678P Datasheet HTML 183Page - STMicroelectronics L9678P Datasheet HTML 184Page - STMicroelectronics L9678P Datasheet HTML 185Page - STMicroelectronics L9678P Datasheet HTML 186Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 203 page
background image
Electrical characteristics
L9678P, L9678P-S
182/203
DocID029274 Rev 3
Figure 59. Deployment drivers diagram
Table 47. Deployment drivers - AC specifications
N°
Symbol
Parameter
Condition
Min
Typ
Max
Unit
1TDEPL_LO
Deployment time
1.209 A rising to 1.209 A
falling
2
-
2.268
ms
2
TDEPL_HI
1.764 A rising to 1.764 A
falling
0.7
-
0.832
ms
3
0.5
-
0.613
ms
4TDEP_RES
Deployment current counter
resolution
-0
-
16
µs
5TRISE_IDEPL
Rise time
10% - 90% of IDEPL
SSxy = 25 V; RSQ = 2.2 Ω, 
C = 22 nF, L = 44 µH
--
32
µs
6TDEL_IDEP
Delay time
SPI_CS to 90% IDEPL
--
65
µs
7TFALL_IDEPL
Fall time
90% - 10% IDEPL
--
32
µs
8TDEL_SD-LS
Low-side shutdown delay time
(with respect to high-side
deactivation)
-50
-
-
µs
9TFLT_LIM_LS
Low-side overcurrent to low-side
deactivation deglitch time in short
to battery condition
-
80
100
120
µs
10
TOFF_OS_HS
Low-side overcurrent to high-side
deactivation deglitch time in case
of intermittent open squib
condition
--
-
20
µs
11
TOFF_OS_HS
High-side off time in case of
intermittent open squib condition
-4
-
12
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com