Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9678P Datasheet(PDF) 181 Page - STMicroelectronics

Part # L9678P
Description  Automotive user configurable airbag IC
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9678P Datasheet(HTML) 181 Page - STMicroelectronics

Back Button L9678P Datasheet HTML 177Page - STMicroelectronics L9678P Datasheet HTML 178Page - STMicroelectronics L9678P Datasheet HTML 179Page - STMicroelectronics L9678P Datasheet HTML 180Page - STMicroelectronics L9678P Datasheet HTML 181Page - STMicroelectronics L9678P Datasheet HTML 182Page - STMicroelectronics L9678P Datasheet HTML 183Page - STMicroelectronics L9678P Datasheet HTML 184Page - STMicroelectronics L9678P Datasheet HTML 185Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 203 page
background image
DocID029274 Rev 3
181/203
L9678P, L9678P-S
Electrical characteristics
202
11
ILKG_SF_ON
SF leakage
current
Device ON,
VRESDIAG = VSSxy = 35 V,
SFx = 0V-35 V
-50
-
50
µA
12
ILKG_SF_OFF
Device OFF,
VRESDIAG = open, VSSxy =
open but all SSxy pins
connected, SEx = 0 V - 35 V
-50
-
50
µA
13
ILKG_SR_ON
SR leakage
current
Device ON,
VRESDIAG = VSSxy = 35 V,
SFx = 0V-35 V
-
-
50
µA
14
ILKG_SR_OFF
Device OFF,
VRESDIAG = open,
VSSxy = open but all SSxy pins
connected, SEx = 0 V - 35 V
-
-
50
µA
15
LDEPL
Load Inductance
Maximum load inductance
Design Information(2)
0
-
60
µH
16
CSFx
Load
capacitance
Maximum capacitance to GND
Design Information
13
-
455
nF
17
CSRx
13
-
455
nF
18
CSSxy
SSxy
capacitance
Maximum capacitance to GND
connected directly to SSxy pin
Design Information
-
-
10
nF
19
RSFLx
Load Impedance Design Information
-
-
6.5
Ω
20
-
Wire Length
Squib Loops containing a
clockspring shall be limited to a
maximum length of 3m
1-
10
m
21
RWirex
Wire resistance
Design information
16.8
-
63.4
mΩ/m
22
LWirex
Wire Inductance
Design Information
0.6
-
1.8
µH/m
23
RCSx
Clock spring
resistance
Maximum number of clock
springs is 3 for any IC
Design Information
0-
0.7
Ω
24
LCSx
Clock spring
inductance
Design Information
0
-
42.9
µH
25
kL_CS1 – L_CS2
Clocks pring
coupling
Design Information
0.739
-
0.903
-
26
LEMI
Squib EMI
protection
Design Information
0
-
7.7
µH
1. In case of an unsupplied device and shorted deployment pins (e.g. to battery voltage), the dynamic reverse current through
the high side power stage depends on CSSxy.
2. LDEPL could be calculated in the following way:
- Non-ClockSpring Loops
LDEPL(max) = LWire(10m*2) + LEMI = (3.6 µH/m * 10m) + 7.7 µH = 43.7 µH
- ClockSpring Loops
LDEPL(max) = LWire(3m*2) + LCSx + LEMI = (3.6µH/m * 3m) + [42.9 µH * (1 - 0.739)] + 7.7 µH = 29.7 µH
- ClockSpring Loops with short to ground
LDEPL(max) = LWire(3m) + LCSx + LEMI = (1.8µH/m * 3m) + 42.9µH + 7.7µH = 56 µH.
Table 46. Deployment drivers - DC specifications (continued)
N°
Symbol
Parameter
Condition
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com