Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9678P Datasheet(PDF) 183 Page - STMicroelectronics

Part # L9678P
Description  Automotive user configurable airbag IC
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9678P Datasheet(HTML) 183 Page - STMicroelectronics

Back Button L9678P Datasheet HTML 179Page - STMicroelectronics L9678P Datasheet HTML 180Page - STMicroelectronics L9678P Datasheet HTML 181Page - STMicroelectronics L9678P Datasheet HTML 182Page - STMicroelectronics L9678P Datasheet HTML 183Page - STMicroelectronics L9678P Datasheet HTML 184Page - STMicroelectronics L9678P Datasheet HTML 185Page - STMicroelectronics L9678P Datasheet HTML 186Page - STMicroelectronics L9678P Datasheet HTML 187Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 203 page
background image
DocID029274 Rev 3
183/203
L9678P, L9678P-S
Electrical characteristics
202
15.17
Squib diagnostic
15.17.1
Squib resistance measurement
All electrical characteristics are valid for the following conditions unless otherwise noted.
-40 °C
 Ta  +95 °C, VINGOOD1(max)  VIN  35 V, 6 V  SSxy  35 V; 7V  VRESDIAG 
35V.
Table 48. Deployment drivers diagnostics (Squib resistance)
N°
Symbol
Parameter
Condition
Min
Typ
Max
Unit
1RSQ_RANGE_1
Squib Resistance
Range 1
LPDIAGREQ(ISRC_CURR_SEL)= 0
0
-
10
Ω
2RSQ_RANGE_2
Squib Resistance
Range 2
LPDIAGREQ(ISRC_CURR_SEL)= 1
0
-
50
Ω
3GRSQ
Squib resistance
measurement
differential amplifier
gain
-
-2%
5.2
+2%
V/V
4VOFF_RSQ
Squib Resistance
Measurement
Differential Amplifier
Output Offset
VOUT_RSQ = GRSQ x (VSF – VSR) +
Voff_RSQ
200
-
400
mV
5
ISRC_HI_SF
ISRC_HI_SR
Squib resistance
measurement high
current source
RSQ_RANGE = 1 Ωto 10 Ω
LPDIAGREQ(ISRC_CURR_SEL) = 0
LPDIAGREQ(ISRC) = "01" or "10"
-5%
40
+5%
mA
6
ISRC_LO_SF
ISRC_LO_SR
Squib resistance
measurement low
current source
RSQ_RANGE = 1 Ωto 50 Ω
LPDIAGREQ(ISRC_CURR_SEL) = 1
LPDIAGREQ(ISRC) = "01" or "10"
-10%
8
+10%
mA
7ISRC_DELTA
Squib Resistance
Measurement
Delta Current Source
--5%
32
+5%
mA
8SRISRC
Squib resistance
measurement
current source slew-
rate
-4
7.5
11
mA/µs
9VSRx_RM
SRx voltage during
Resistance
Measurement
LPDIAGREQ(ISRC) = ”01” or “10”
LPDIAGREQ(ISINK) = 1
0.5
0.7
1
V
10
ISINK_HI_SR
SRx current sink limit
high level
LPDIAGREQ(ISRC_CURR_SEL) = 0
LPDIAGREQ(ISINK) = 1
50
70
90
mA
11
ISINK_LO_SR
SRx current sink limit
low level
LPDIAGREQ(ISRC_CURR_SEL) = 1
LPDIAGREQ(ISINK) = 1
10
17.5
25
mA
12
IPD_SR
SRx current pull down
-
0.7
1
1.3
mA
13
RLKG_SF
Leakage resistance on
SFx
Leakage to GND ±1 V or to Battery
from 6 V to 18 V. Design info
1-
-
kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com