Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9678P Datasheet(PDF) 186 Page - STMicroelectronics

Part # L9678P
Description  Automotive user configurable airbag IC
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9678P Datasheet(HTML) 186 Page - STMicroelectronics

Back Button L9678P Datasheet HTML 182Page - STMicroelectronics L9678P Datasheet HTML 183Page - STMicroelectronics L9678P Datasheet HTML 184Page - STMicroelectronics L9678P Datasheet HTML 185Page - STMicroelectronics L9678P Datasheet HTML 186Page - STMicroelectronics L9678P Datasheet HTML 187Page - STMicroelectronics L9678P Datasheet HTML 188Page - STMicroelectronics L9678P Datasheet HTML 189Page - STMicroelectronics L9678P Datasheet HTML 190Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 203 page
background image
Electrical characteristics
L9678P, L9678P-S
186/203
DocID029274 Rev 3
15.18
Remote sensor interface
All electrical characteristics are valid for the following conditions unless otherwise noted.
-40 °C
 Ta  +95 °C, VINGOOD2(max)  VIN  35V, VSUP(min)  VSUP  VSUP(max).
Table 52. Remote sensor I/F DC parameters
N°
Symbol
Parameter
Condition
Min
Typ
Max
Unit
1IS_LOW
Interface quiescent
current (low signal
current level)
According to PSI-5 v1.3,
section 5.1.2 - parameter #4
Design info
-19
-
-4
mA
2
Is
Delta signal current
IS_HIGH - IS_LOW
According to PSI-5 v1.3,
section 5.4 - parameter #6
Design Info
22
-
30
mA
3VLIM_RSU
Output voltage
limitation
VSUP = VIN
According to PSI-5 v1.3,
section 5.1.1 - parameter #1
--
11
V
4RDSON_RSU
RSU power switch
resistance
(VVSUP – VRSU) / IRSU
IRSUx = 4-50 mA
According to PSI-5 v1.3,
section 6.2 - parameter #3
--
12.5
Ω
5VSTB_RSU
Output short to
battery threshold
-
10
50
100
mV
6ISTB_RSU
Static reverse
current into RSU pin
VRSU > VVSUP + VSTB_RSU
--
5
mA
7IOC_RSU
Over current
detection threshold
Interface disabled after
TFLT_STD_RSU
According to PSI-5 v1.3,
section 5.1.2 - parameter #8-9
-105
-
-50
mA
8ILIM_RSU
Current limitation
RSU = 0
According to PSI-5 v1.3,
section 5.1.2, parameter #8-9
-105
-
-65
mA
9
∆ILIM_OC_RSU
Difference between
current limitation and
OC threshold
ILIM_RSU - IOC_RSU
0.1
-
-
mA
10
IB0_RSU
Internal base current
starting value
Default value of internal 7 bit
counter
-18
-15
-13
mA
11
IS_TH_RSU
Trigger point for
signal current
threshold
IRSU = ILOW_RSU = -19mA to
-4mA
IB_RSU
+
(12-11%)
IB_RSU
+
12
IB_RSU
+
(12+11%)
mA
12
ILKGG_RSU
Trigger point for fault
current detection
Leakage to GND; detected by IB
-48
-
-36
mA
13
ILKGB_RSU
Leakage to BATTERY;
detected by IB
-3.5
-
-1.5
mA
14
IOL_RSU
Output open load
detection threshold
RSU open
ILKGB(min)
-ILKGB(max)
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com