Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9680 Datasheet(PDF) 213 Page - STMicroelectronics

Part # L9680
Description  Automotive advanced airbag IC for mid/high end applications
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9680 Datasheet(HTML) 213 Page - STMicroelectronics

Back Button L9680 Datasheet HTML 209Page - STMicroelectronics L9680 Datasheet HTML 210Page - STMicroelectronics L9680 Datasheet HTML 211Page - STMicroelectronics L9680 Datasheet HTML 212Page - STMicroelectronics L9680 Datasheet HTML 213Page - STMicroelectronics L9680 Datasheet HTML 214Page - STMicroelectronics L9680 Datasheet HTML 215Page - STMicroelectronics L9680 Datasheet HTML 216Page - STMicroelectronics L9680 Datasheet HTML 217Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 213 / 277 page
background image
DocID029257 Rev 1
213/277
L9680
General purpose output (GPO) drivers
276
13
General purpose output (GPO) drivers
The L9680 contains three General Purpose Output (GPO) drivers configurable either as
high-side or low-side modes. The drivers can be independently controlled in ON-OFF mode
or in PWM mode setting the desired duty cycle value through the GPO Control Register
(GPOCTRLx).
For low side driver configuration, the GPODx pin is the drain connection of an internal
MOSFET and is the current sink for the output driver. The GPOSx pin is the source
connection of the internal MOSFET and is externally connected to ground. For high side
driver configuration, the GPODx pin will be connected to battery and GPOSx pin will be
connected to load's high side.
Figure 66. GPO driver and diagnostic block diagram
The drivers are configured in one of the two modes through the GPO Configuration Register
(GPOCR) register. This hardware configuration is only allowed during the Init and Diag
states.
When configured as high-side, the drivers need ER Boost voltage to be above the
VERBST_OK threshold to be enabled.
The default state of all drivers is off. The drivers can be independently activated via SPI
control bits on GPO Control Register (GPOCTRLx). In addition, a set point on the
GPOCTRLx will control the output drivers in PWM with a 125Hz frequency. If PWM control is
desired, user should set the needed set point in the GPOxPWM bits of the GPOCTRLx
while activating the interface. When all bits are set to '0', the GPOx output will be disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com