Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9680 Datasheet(PDF) 216 Page - STMicroelectronics

Part # L9680
Description  Automotive advanced airbag IC for mid/high end applications
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9680 Datasheet(HTML) 216 Page - STMicroelectronics

Back Button L9680 Datasheet HTML 212Page - STMicroelectronics L9680 Datasheet HTML 213Page - STMicroelectronics L9680 Datasheet HTML 214Page - STMicroelectronics L9680 Datasheet HTML 215Page - STMicroelectronics L9680 Datasheet HTML 216Page - STMicroelectronics L9680 Datasheet HTML 217Page - STMicroelectronics L9680 Datasheet HTML 218Page - STMicroelectronics L9680 Datasheet HTML 219Page - STMicroelectronics L9680 Datasheet HTML 220Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 216 / 277 page
background image
System voltage diagnostics
L9680
216/277
DocID029257 Rev 1
14
System voltage diagnostics
L9680 has an integrated dedicated circuitry to provide diagnostic feedback and processing
of several inputs. These inputs are addressed with an internal analog multiplexer and made
available through the SPI digital interface with the Diagnostic Data commands. In order to
avoid saturation of high voltage internal signals, an internal voltage divider is used.
Figure 68. ADC MUX
The diagnostics circuitry is activated by four SPI Diagnostics Control commands
(DIAGCTRLx); each of them can address all the available nodes to be monitored, except for
what mentioned in Table 18.
DIAGCTRLx SPI command bit fields are structured in the following way:
DIAGCTRL_A (ADDRESS HEX 3A)
19
18 17 16 15 14 13 12 11 10 9 8 7
6543210
MOSI
xxxxxx
x x x
ADCREQ_A[6:0]
MISO NEWDATA_A
0
0
ADCREQ_A[6:0]
ADCRES_A[9:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com