Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9680 Datasheet(PDF) 217 Page - STMicroelectronics

Part # L9680
Description  Automotive advanced airbag IC for mid/high end applications
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9680 Datasheet(HTML) 217 Page - STMicroelectronics

Back Button L9680 Datasheet HTML 213Page - STMicroelectronics L9680 Datasheet HTML 214Page - STMicroelectronics L9680 Datasheet HTML 215Page - STMicroelectronics L9680 Datasheet HTML 216Page - STMicroelectronics L9680 Datasheet HTML 217Page - STMicroelectronics L9680 Datasheet HTML 218Page - STMicroelectronics L9680 Datasheet HTML 219Page - STMicroelectronics L9680 Datasheet HTML 220Page - STMicroelectronics L9680 Datasheet HTML 221Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 217 / 277 page
background image
DocID029257 Rev 1
217/277
L9680
System voltage diagnostics
276
DIAGCTRL_B (ADDRESS HEX 3B)
DIAGCTRL_C (ADDRESS HEX 3C)
DIAGCTRL_D (ADDRESS HEX 3D)
ADCREQ[A-D] bit fields, used to address the different measurements offered, are listed in
Table 18 for reference.
L9680 diagnostics is structured to take four automatic conversions at a time. In order to get
four measurements, four different SPI commands have to be sent (DIAGCTRL_A,
DIAGCTRL_B, DIAGCTRL_C and DIAGCTRL_D), in no particular order.
In case the voltage to be measured is not immediately available, the desired inputs for
conversion have to be programmed by SPI in advance, to allow them to attain a stable
voltage value. This case applies to the squib resistance measurement and diagnostics (refer
to Loop diagnostics control and results registers) and to the DC sensor measurement (refer
to Section 11).
CONVRDY_0 bit in GSW is equal to (NEWDATA_A or NEWDATA_B), while CONVRDY_1
bit in GSW corresponds to (NEWDATA_C or NEWDATA_D).
Each NEWDATAx flag is asserted when conversion is finished and cleared when result is
read out. However result is cleared only when new result for that register is available.
When a new request is received it is queued if other conversions are ongoing. The
conversions are executed in the same order as their request arrived. The queue is 4
measures long so it's possible to send all 4 requests at the same time and then wait for the
results. If a DIAGCTLRx command is received twice, the second conversion request will
overwrite the previous one.
Requests are sent to the L9680 IC via the ADC measurement Registers (ADCREQx) as
shown in Table 18. All diagnostics results are available on the ADCRESx registers, when
addressed by the related ADCREQx register (e.g. data requested by ADCREQA would be
written to ADCRESA).
19
18 17 16 15 14 13 12 11 10 9 8 7
6543210
MOSI
xxxxxx
x x x
ADCREQ_B [6:0]
MISO NEWDATA_B
0
0
ADCREQ_B [6:0]
ADCRES_B [9:0]
19
18 17 16 15 14 13 12 11 10 9 8 7
6
5
4
3
2
1
0
MOSI
x
x
x
x
x
x
x x x
ADCREQ_C [6:0]
MISO NEWDATA_C
0
0
ADCREQ_C [6:0]
ADCRES_C [9:0]
19
18 17 16 15 14 13 12 11 10 9 8 7
6543210
MOSI
x
x
x
x
x
x
x x x
ADCREQ_D [6:0]
MISO NEWDATA_D
0
0
ADCREQ_D [6:0]
ADCRES_D [9:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com