Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9680 Datasheet(PDF) 241 Page - STMicroelectronics

Part # L9680
Description  Automotive advanced airbag IC for mid/high end applications
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9680 Datasheet(HTML) 241 Page - STMicroelectronics

Back Button L9680 Datasheet HTML 237Page - STMicroelectronics L9680 Datasheet HTML 238Page - STMicroelectronics L9680 Datasheet HTML 239Page - STMicroelectronics L9680 Datasheet HTML 240Page - STMicroelectronics L9680 Datasheet HTML 241Page - STMicroelectronics L9680 Datasheet HTML 242Page - STMicroelectronics L9680 Datasheet HTML 243Page - STMicroelectronics L9680 Datasheet HTML 244Page - STMicroelectronics L9680 Datasheet HTML 245Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 241 / 277 page
background image
DocID029257 Rev 1
241/277
L9680
Electrical characteristics
276
16.11
COVRACT
All electrical characteristics are valid for the following conditions unless otherwise noted:
-40 °C
 Ta  +95 °C, VINGOOD0  VIN  35 V; VINGOOD(max)  VIN  35 V;
VCCx(min)
 VCCx  VCCx(max); VCC = 3.3 V or 5 V
16.12
SYNCBOOST converter
All electrical characteristics are valid for the following conditions unless otherwise noted:
-40 °C
 Ta  +95 °C, VINGOOD0  VIN  VINSYNC_DIS_X(min)
Table 42. COVRACT DC specifications
No
Symbol
Parameter
Conditions
Min
Typ
Max Unit
1
VOH_COVRACT
COVRACT output voltage
ILOAD = -0.5 mA
VCC
-0.6
-
VCC
V
2VOL_COVRACT
ILOAD = 2.0 mA
0
-
0.4
V
3IREV_COVRACT
Reverse current short high
voltage
COVRACT = 40 V
VCC = 3.3 V
--
1
mA
Table 43. COVRACT AC specifications
No
Symbol
Parameter
Conditions
Min
Typ
Max Unit
1TRISE_COVRACT Rise time
50 pF load, 20%-80%
-
-
1.00
μs
2TFALL_COVRACT Fall time
50 pF load, 20%-80%
-
-
1.00
μs
Table 44. SYNCBOOST converter DC specifications
No
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
1
VO_SYNCBST
SYNCBOOST output
voltage
Across all line and load,
steady state
SYS_CTL(SYBST) = 0
11.40
12
-
V
2
Across all line and load
(steady state)
SYS_CTL(SYBST) = 1
14.00 14.75
-
V
3IO_SYNCBST_VL_IH
SYNCBOOST output
current
SYS_CTL(SYBST_V) = 0
SYS_CFG(LOW_POWER_M
ODE) = 0
20
-
360
mA
4IO_SYNCBST_VL_IL
SYS_CTL(SYBST_V) = 0
SYS_CFG(LOW_POWER_M
ODE) = 1
20
-
240
mA
5IO_SYNCBST_VH_IH
SYS_CTL(SYBST_V) = 1
SYS_CFG(LOW_POWER_M
ODE) = 0
20
-
290
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com