Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9680 Datasheet(PDF) 245 Page - STMicroelectronics

Part # L9680
Description  Automotive advanced airbag IC for mid/high end applications
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9680 Datasheet(HTML) 245 Page - STMicroelectronics

Back Button L9680 Datasheet HTML 241Page - STMicroelectronics L9680 Datasheet HTML 242Page - STMicroelectronics L9680 Datasheet HTML 243Page - STMicroelectronics L9680 Datasheet HTML 244Page - STMicroelectronics L9680 Datasheet HTML 245Page - STMicroelectronics L9680 Datasheet HTML 246Page - STMicroelectronics L9680 Datasheet HTML 247Page - STMicroelectronics L9680 Datasheet HTML 248Page - STMicroelectronics L9680 Datasheet HTML 249Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 245 / 277 page
background image
DocID029257 Rev 1
245/277
L9680
Electrical characteristics
276
16.14
VCC regulator
All electrical characteristics are valid for the following conditions unless otherwise noted:
-40 °C
 Ta  +95 °C, VINGOOD0  VIN  35 V, VSATBCK_OK  SATBUCK
VUV_VCOREMON  VCOREMON  VOV_VCOREMON
Table 48. SATBUCK converter AC specifications
No
Symbol
Parameter
Conditions
Min
Typ
Max Units
1FSW_SATBCK
SATBUCK switching
frequency
-
1.8
1.882
2.0
MHz
2
TRISE_SATBCKSW
_SLOW
TFALL_SATBCKSW
_SLOW
SATBCKSW transition time
10% to 90% voltage on
SATBCKSW
VSYNCBST <
VSYNCBST_RESTART_TH
Design Info
10
-
25
ns
3
TRISE_SATBCKSW
_FAST
TFALL_SATBCKSW
_FAST
10% to 90% voltage on
SATBCKSW
VSYNCBST >
VSYNCBST_RESTART_TH
Design Info
5-
15
4TSOFTST_SATBCK SATBUCK soft start time
From 10% to 90%
0.50
-
2
ms
Table 49. SATBUCK converter external components design info
No
Symbol
Component
Conditions
Min
Typ
Max
Unit
1LSATBCK
Inductance
Min 4.7 μH nominal
3.76
-
-
μH
2
ESRLSATBCK
Inductance Resistance
-
-
-
0.25
Ω
3CBLK_SATBCK
Output Bulk Capacitance
Min 4.7 μH nominal
3
-
30
μF
4
ESRCBLK_SATBCK Bulk Capacitor ESR
-
-
-
50
mΩ
Table 50. VCC converter DC specifications
No
Symbol
Parameter
Conditions
Min
Typ
Max
Units
1
VO_VCC
VCCBUCK Output
Voltage
Across all line and load,
steady state
VCCSEL < VTH1_L_VCCSEL
3.20
3.3
3.40
V
2
Across all line and load,
steady state
VCCSEL = > VTH1_H_VCCSEL
4.85
5
5.15
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com