Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9680 Datasheet(PDF) 247 Page - STMicroelectronics

Part # L9680
Description  Automotive advanced airbag IC for mid/high end applications
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9680 Datasheet(HTML) 247 Page - STMicroelectronics

Back Button L9680 Datasheet HTML 243Page - STMicroelectronics L9680 Datasheet HTML 244Page - STMicroelectronics L9680 Datasheet HTML 245Page - STMicroelectronics L9680 Datasheet HTML 246Page - STMicroelectronics L9680 Datasheet HTML 247Page - STMicroelectronics L9680 Datasheet HTML 248Page - STMicroelectronics L9680 Datasheet HTML 249Page - STMicroelectronics L9680 Datasheet HTML 250Page - STMicroelectronics L9680 Datasheet HTML 251Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 247 / 277 page
background image
DocID029257 Rev 1
247/277
L9680
Electrical characteristics
276
16.15
VSF regulator
All electrical characteristics are valid for the following conditions unless otherwise noted:
-40 °C
 Ta  +95 °C, VINGOOD0  VIN  35V, VSF + 2V  ERBOOST
Table 51. VCC converter AC specifications
No
Symbol
Parameter
Conditions
Min
Typ
Max Units
1FSW_VCCBCK
VCCBUCK switching
frequency
-
1.8
1.882
2.0
MHz
2
TRISE_VCCBCKSW
TFALL_VCCBCKSW
VCCBCKSW transition time
10% to 90% voltage on
VCCBCKSW
Design Info
8
-
20
ns
3TSOFTST_VCCBCK VCCBUCK soft start time
From 10% to 90%
0.5
-
2
ms
4TFLT_VCCOV
VCC over voltage
detection deglitch filter time
-27
30
33
μs
5
TFLT_VCCOV_RAMPUP
VCC Over voltage
detection deglitch filter time
during VCC_RAMPUP state
VCC reg in VCC_RAMPUP
state
1.5
2
2.5
μs
6TFLT_VCCUV
VCC under voltage
detection deglitch filter time
-27
30
33
μs
7TFLT_VCCUVL
VCC under voltage low
detection deglitch filter time
-
1.5
2
2.5
μs
Table 52. VCC converter external components design info
No
Symbol
Component
Conditions
Min
Typ
Max
Unit
1LVCCBCK
Inductance
Min 4.7 μH nominal
3.76
-
-
μH
2
ESRLVCCBCK
Inductance resistance
-
-
-
0.25
Ω
3CBLK_VCCBCK
Output bulk capacitance
Min 4.7 μF nominal
3
-
30
μF
4
ESRCBLK_VCCBCK Bulk capacitor ESR
-
-
-
50
mΩ
Table 53. VSF regulator DC specifications
No
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
1
VSF
Output voltage
All line, load, IO_VSF up to 6mA
SYS_CGF(VSF_V)= 0
18
20
22
V
2
All line, load, IO_VSF up to 6mA
Only in case
SYS_CTL(ER_BST_V)=1
SYS_CGF(VSF_V) = 1
23
25
27
V
3ILIM_VSF
Output load current limit
VSF = 0
7
10
13
mA
4VDO_VSF
Drop-out voltage
V(ERBOOST-VSF)
-
-
2
V
5CVSF
Output capacitance
Design Info
2.9
-
14
nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com