Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9680 Datasheet(PDF) 250 Page - STMicroelectronics

Part # L9680
Description  Automotive advanced airbag IC for mid/high end applications
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9680 Datasheet(HTML) 250 Page - STMicroelectronics

Back Button L9680 Datasheet HTML 246Page - STMicroelectronics L9680 Datasheet HTML 247Page - STMicroelectronics L9680 Datasheet HTML 248Page - STMicroelectronics L9680 Datasheet HTML 249Page - STMicroelectronics L9680 Datasheet HTML 250Page - STMicroelectronics L9680 Datasheet HTML 251Page - STMicroelectronics L9680 Datasheet HTML 252Page - STMicroelectronics L9680 Datasheet HTML 253Page - STMicroelectronics L9680 Datasheet HTML 254Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 250 / 277 page
background image
Electrical characteristics
L9680
250/277
DocID029257 Rev 1
14
ILKG_SF_ON_
0V
SF Leakage Current
Device ON,
SYNCBOOST = SSxy = 35V,
SFx = 0V
-5
-
5
μA
15
ILKG_SF_ON_
35V
Device ON,
SYNCBOOST = SSxy = 35V,
SFx = 35V
-5
-
50
μA
16
ILKG_SF_OFF
_0V
Device OFF
SYNCBOOST = open,
SSxy = open but all SSxy pins
connected,
SFx = 0V
-5
-
5
μA
17
ILKG_SF_OFF
_35V
Device OFF
SYNCBOOST = open,
SSxy = open but all SSxy pins
connected,
SFx = 35V
-5
-
50
μA
18
ILKG_SR_ON
SR Leakage Current
Device ON,
SYNCBOOST = SSxy = 35V,
SRx = 0V-35
--
50
μA
19
ILKG_SR_OFF
DEVICE OFF,
SYNCBOOST = open,
SSxy = open but all SSxy pins
connected,
SRx pull down current OFF
SRx=0V-20V
--
50
μA
20
DEVICE OFF,
SYNCBOOST = open,
SSxy = open but all SSxy pins
connected,
SRx pull down current OFF
SRx=35V
--
30
μA
21
VSR_CLAMP SR voltage clamp
-
35
-
40
V
22
LDEPL
Load Inductance
Maximum load inductance
Design Info(2)
0-
56
μH
23
CSFx
Load Capacitance
Maximum capacitance to GND
Design Info
13
-
455
nF
24
CSRx
13
-
455
nF
Table 55. Deployment drivers – DC specifications (continued)
No
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com