Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9680 Datasheet(PDF) 251 Page - STMicroelectronics

Part # L9680
Description  Automotive advanced airbag IC for mid/high end applications
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9680 Datasheet(HTML) 251 Page - STMicroelectronics

Back Button L9680 Datasheet HTML 247Page - STMicroelectronics L9680 Datasheet HTML 248Page - STMicroelectronics L9680 Datasheet HTML 249Page - STMicroelectronics L9680 Datasheet HTML 250Page - STMicroelectronics L9680 Datasheet HTML 251Page - STMicroelectronics L9680 Datasheet HTML 252Page - STMicroelectronics L9680 Datasheet HTML 253Page - STMicroelectronics L9680 Datasheet HTML 254Page - STMicroelectronics L9680 Datasheet HTML 255Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 251 / 277 page
background image
DocID029257 Rev 1
251/277
L9680
Electrical characteristics
276
25
CSSxy
SSxy Capacitance
Maximum capacitance to GND
connected directly to SSxy pin
Design Information
-
-
10
nF
26
RSFLx
Load Impedance
Design Info
-
-
6.5
Ω
27
Wire Length
Squib Loops containing a clock
spring shall be limited to a
maximum length of 3m
1
-
10
m
28
RWirex
Wire Resistance
Design Info
16.8
-
63.4
mΩ/
m
29
LWirex
Wire Inductance
Design Info
0.6
-
1.8
μH/
m
30
RCSx
Clock Spring Resistance
Maximum number of clock
springs is 3 for any IC
Design Info
0
-
0.7
Ω
31
LCSx
Clock Spring Inductance
Design Info
0
-
42.9
μH
32
kL_CS1 –
L_CS2
Clock Spring Coupling
Design Info
0.739
-
0.903
-
33
LEMI
Squib EMI protection
Design Info
0
-
7.7
μH
1.
In case of an unsupplied device and shorted deployment pins (e.g. to battery voltage), the dynamic reverse current through
the high side power stage depends on CSSxy.
2. LDEPL could be calculated in the following way:
Non-Clock Spring Loops: LDEPL(max) = LWire(10m*2) + LEMI = (3.6uH/m * 10m) + 7.7uH =43.7uH
Clock Spring Loops: LWire(3m*2) + 2*LCSx + LEMI - (2*kL_CX*SQRT(L_CS1*L_CS2)) = = (3.6uH/m * 3m) + 2 * 42.9uH + 7.7uH -
(2 * 0.739 * 42.9uH) = 40.9uHClock Spring Loops with short to ground
LDEPL(max) = LWire(3m) + LCSx + LEMI = (1.8uH/m * 3m) + 42.9uH + 7.7uH = 56uH.
Table 55. Deployment drivers – DC specifications (continued)
No
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com