Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9680 Datasheet(PDF) 248 Page - STMicroelectronics

Part # L9680
Description  Automotive advanced airbag IC for mid/high end applications
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9680 Datasheet(HTML) 248 Page - STMicroelectronics

Back Button L9680 Datasheet HTML 244Page - STMicroelectronics L9680 Datasheet HTML 245Page - STMicroelectronics L9680 Datasheet HTML 246Page - STMicroelectronics L9680 Datasheet HTML 247Page - STMicroelectronics L9680 Datasheet HTML 248Page - STMicroelectronics L9680 Datasheet HTML 249Page - STMicroelectronics L9680 Datasheet HTML 250Page - STMicroelectronics L9680 Datasheet HTML 251Page - STMicroelectronics L9680 Datasheet HTML 252Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 248 / 277 page
background image
Electrical characteristics
L9680
248/277
DocID029257 Rev 1
16.16
Deployment drivers
All electrical characteristics are valid for the following conditions unless otherwise noted:
-40 °C
 Ta  +95 °C, VINGOOD0  VIN  35V, 6V  SSxy  35V, SSxy - SFx  25V.
6
ILKG_VSF_OFF VSF input leakage
Device OFF
-5
-
5
μA
7RPD_VSF
VSF pull-down resistance
Device ON
VSF regulator OFF; VSF = 25V
60
125
220
kΩ
8IPD_VSF
VSF pull-down current
Device ON
VSF regulator ON; Design Info
34
40
46
μA
9IPD_VSF_TOT VSF total pull-down current
Device ON
VSF regulator ON
VSF = 25V
SYS_CGF(VSF_V)= 1
147
230
462
μA
Table 53. VSF regulator DC specifications (continued)
No
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Table 54. VSF regulator AC specifications
No
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
1TON_VSF
VSF turn on time
CVSF = 14 nF
Measured from VSF_EN=1 to
VSF inside regulation limits
-
-
100
μs
Table 55. Deployment drivers – DC specifications
No
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
1IDEPL_LO
Deployment Current
R = 2 ohms
Considering 9mA as not detected
leakage with a 1kOhm equivalent
resistance from SFx to GND
1.33
1.4
1.6
A
2IDEPL_HI
R = 2 ohms, 9V ≤ SSxy
Considering 13.5mA as not
detected leakage with a 1kOhm
equivalent resistance from SFx to
GND,
1.94
1.99
2.3
A
3ITH_DEPL
Deployment Current Counter
Threshold
-
IDEPL
x *
90%
--
A
4IOC_SR
Low side Over Current
Detection
-
2.2
3.1
4.0
A
5ILIM_SR
Low side
Current Limitation
-
2.2
3.1
4.0
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com