Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9680 Datasheet(PDF) 244 Page - STMicroelectronics

Part # L9680
Description  Automotive advanced airbag IC for mid/high end applications
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9680 Datasheet(HTML) 244 Page - STMicroelectronics

Back Button L9680 Datasheet HTML 240Page - STMicroelectronics L9680 Datasheet HTML 241Page - STMicroelectronics L9680 Datasheet HTML 242Page - STMicroelectronics L9680 Datasheet HTML 243Page - STMicroelectronics L9680 Datasheet HTML 244Page - STMicroelectronics L9680 Datasheet HTML 245Page - STMicroelectronics L9680 Datasheet HTML 246Page - STMicroelectronics L9680 Datasheet HTML 247Page - STMicroelectronics L9680 Datasheet HTML 248Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 244 / 277 page
background image
Electrical characteristics
L9680
244/277
DocID029257 Rev 1
16.13
SATBUCK converter
All electrical characteristics are valid for the following conditions unless otherwise noted:
-40 °C
 Ta  +95 °C, VINGOOD0  VIN  35V, VSYNCBST_OK  SYNCBOOST
Table 47. SATBUCK converter DC specifications
No
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
1
VO_SATBCK
SATBUCK output
voltage
Across all line and load,
steady state SAT_V = 0
6.92
7.2
7.48
V
2
Across all line and load,
steady state SAT_V = 1
8.64
9
9.36
V
3IO_SATBCK_VH_IH
SATBUCK output
current
SAT_V =0
LOW_POWER_MODE = 0
20
-
450
mA
4IO_ SATBCK _VH_IL
SAT_V =0
LOW_POWER_MODE = 1
20
-
300
mA
5IO_ SATBCK _VL_IH
SAT_V =1
LOW_POWER_MODE = 0
20
-
390
mA
6IO_ SATBCK _VL_IL
SAT_V =1
LOW_POWER_MODE = 1
20
-
240
mA
7dVSR_ac
Line transient
response
All line, load; dt=100 μs;
SAT_V = 0/1
Design Info
-4%
-
4%
%
8dVLR_ac
Load transient
response
All line, load; dt=100 μs;
SAT_V = 0/1
Design Info
-4%
-
4%
%
9RDSON_SATBCK_HS
High side power
switch resistance
-
-
-
0.6
Ω
10
RDSON_SATBCK_LS
Low side power
switch resistance
-
-
0.6
Ω
11
IOC_HS_SATBCK_HI High side over
current detection
LOW_POWER_MODE = 0
0.83
1.1
1.37
A
12
IOC_HS_SATBCK_LO
LOW_POWER_MODE = 1
0.53
0.7
0.9
A
13
IOCP_LS_SATBCK_LO Low side positive
over current
detection
VSATBCKSW ≥ 0
VSYNCBST < VSYNCBST_RESTART_TH
1
-
100
mA
14
IOCP_LS_SATBCK_HI
VSATBCKSW ≥ 0
FAST SLOPE
100
240
350
mA
15
IOCN_LS_SATBCK_HI Low side negative
over current
detection
VSATBCKSW = 0
LOW_POWER_MODE = 0
0.94
1.25
1.56
A
16
IOCN_LS_SATBCK_LO
VSATBCKSW = 0
LOW_POWER_MODE = 1
0.64
0.85
1.06
A
17
VSATBCK_OK_LOW
SATBUCK voltage
threshold
SYS_CTL(SAT_V) = 0
6.2
6.5
6.8
V
18
VSATBCK_OK_HIGH
SYS_CTL(SAT_V) = 1
7.7
8.1
8.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com