Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9680 Datasheet(PDF) 253 Page - STMicroelectronics

Part # L9680
Description  Automotive advanced airbag IC for mid/high end applications
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9680 Datasheet(HTML) 253 Page - STMicroelectronics

Back Button L9680 Datasheet HTML 249Page - STMicroelectronics L9680 Datasheet HTML 250Page - STMicroelectronics L9680 Datasheet HTML 251Page - STMicroelectronics L9680 Datasheet HTML 252Page - STMicroelectronics L9680 Datasheet HTML 253Page - STMicroelectronics L9680 Datasheet HTML 254Page - STMicroelectronics L9680 Datasheet HTML 255Page - STMicroelectronics L9680 Datasheet HTML 256Page - STMicroelectronics L9680 Datasheet HTML 257Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 253 / 277 page
background image
DocID029257 Rev 1
253/277
L9680
Electrical characteristics
276
16.17
Deployment driver diagnostic
16.17.1
Squib resistance measurement
All electrical characteristics are valid for the following conditions unless otherwise noted:
-40 °C
 Ta  +95 °C, VINGOOD0(max)  VIN  35 V, 6 V  SSxy  35 V, 7 V  SYNCBOOST
 35 V.
10
TFLT_ILIM_LS
Low side overcurrent to low
side deactivation deglitch
time in short to battery
condition
-
80
100
120
μs
11
TFLT_OS_LS
Low side overcurrent to high
side deactivation deglitch
time in case of intermittent
open to squib condition
--
-
20
μs
12
TOFF_OS_HS
High side OFF time in case
of intermittent open to squib
condition
-4
-
12
μs
Table 56. Deployment drivers – AC specifications
No
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Table 57. Deployment drivers diagnostics - Squib resistance measurement
No
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
1RSQ_RANGE_1 Squib resistance range 1
LPDIAGREQ(ISRC_CURR_
SEL) = 0
0
-
10.0
Ω
2RSQ_RANGE 2 Squib resistance range 2
LPDIAGREQ(ISRC_CURR_
SEL) = 1
0
-
50.0
Ω
3GRSQ
Squib resistance
measurement
Differential amplifier gain
VOUT_RSQ = GRSQ x [(VSF -
VSR)] + Voff_RSQ
-2%
5.2
+2%
V/V
4Voff_RSQ
Squib resistance
measurement
Differential amplifier offset
VOUT_RSQ = GRSQ x [(VSF –
VSR)] + Voff_RSQ
200
-
400
mV
5
ISRC_HI_SF
ISRC_HI_SR
Squib resistance
measurement
High current source
LPDIAGREQ(ISRC_CURR_
SEL) = 0
LPDIAGREQ(ISRC) = ‘01’ or
‘10’
-5%
40
+5%
mA
6
ISRC_LO_SF
ISRC_LO_SR
Squib resistance
measurement
Low current source
LPDIAGREQ(ISRC_CURR_
SEL) = 1
LPDIAGREQ(ISRC) =’01’ or
‘10’
-10%
8
+10%
mA
7ISRC_DELTA
Squib Resistance
Measurement
Delta Current Source
ISRC_HI_x - ISRC_LO_x
-5%
32
+5%
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com