Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9680 Datasheet(PDF) 262 Page - STMicroelectronics

Part # L9680
Description  Automotive advanced airbag IC for mid/high end applications
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9680 Datasheet(HTML) 262 Page - STMicroelectronics

Back Button L9680 Datasheet HTML 258Page - STMicroelectronics L9680 Datasheet HTML 259Page - STMicroelectronics L9680 Datasheet HTML 260Page - STMicroelectronics L9680 Datasheet HTML 261Page - STMicroelectronics L9680 Datasheet HTML 262Page - STMicroelectronics L9680 Datasheet HTML 263Page - STMicroelectronics L9680 Datasheet HTML 264Page - STMicroelectronics L9680 Datasheet HTML 265Page - STMicroelectronics L9680 Datasheet HTML 266Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 262 / 277 page
background image
Electrical characteristics
L9680
262/277
DocID029257 Rev 1
16.18.2
WSS interface
Table 63. WSS sensor - DC specifications
No
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
1C1
RSU load capacitance
10nF nominal, Design Info
6
-
-
nF
2VRSU_MAX
RSUx Max output voltage
(internal regulation,
VSATBUCK=VSYNCBOOST)
--
11
V
3RRSU
Output resistance
From IRSU=-4mA to -35mA
4
-
12
Ω
4IBO
Base Current
Auto Adaptive option
(default value)
+15%
-7
-15%
mA
5a
ITH1
7mA / 14mA detection
Fixed threshold option
-25 °C ≤ Tj ≤ +150 °C
guaranteed by
design/characterization
+15%
-9.8
-15%
mA
5b
Fixed threshold option
-40 °C ≤ Tj ≤ +150 °C
+20%
-9.8
-20%
mA
6ITH2
14mA / 28mA detection
Fixed threshold option
+15%
-19.6
-15%
mA
7a
ITHOPEN
Open sensor detection
RSUx OPEN
-25 °C ≤ Tj ≤ +150 °C
guaranteed by
design/characterization
-4.5
-
-0.2
mA
7b
RSUx OPEN
-40 °C ≤ Tj ≤ +150 °C
-5.5
-
0
mA
8ITHGND
Leakage to GND threshold VRSUx= GND
13.2
15
17.1
mA
9IOCTH_WSS
Over Current Detection
Threshold
output disabled after
TFLT_OCTH_WSS
-65
-
-38
mA
10
ILIMTH_WSS
Output Current Limit
-
-65
-
-40
mA
11
ΔILIM_OC_WSS
Difference between
Current Limitation and OC
Threshold
ILIM_RSU - IOC_RSU
1-
-
mA
12
VRSU_STB
Output Short to Battery
Threshold
10
-
100
mV
13
ISTBTH
Static reverse current into
SATBUCK or
SYNCBOOST pin
(V_supply)
VRSUx > V_supply + VRSUxSTB
0.0
-
10
mA
14
VOH_WS
WSx Output Voltage
ILOAD = -1mA
VCC-
0.5
-
VCC
V
15
VOL_WS
ILOAD = 1mA
-
-
0.4
V
16
ILKG_WS
WSx Output Leakage
Tri-state leakage
-10
-
10
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com