Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9680 Datasheet(PDF) 263 Page - STMicroelectronics

Part # L9680
Description  Automotive advanced airbag IC for mid/high end applications
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9680 Datasheet(HTML) 263 Page - STMicroelectronics

Back Button L9680 Datasheet HTML 259Page - STMicroelectronics L9680 Datasheet HTML 260Page - STMicroelectronics L9680 Datasheet HTML 261Page - STMicroelectronics L9680 Datasheet HTML 262Page - STMicroelectronics L9680 Datasheet HTML 263Page - STMicroelectronics L9680 Datasheet HTML 264Page - STMicroelectronics L9680 Datasheet HTML 265Page - STMicroelectronics L9680 Datasheet HTML 266Page - STMicroelectronics L9680 Datasheet HTML 267Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 263 / 277 page
background image
DocID029257 Rev 1
263/277
L9680
Electrical characteristics
276
Table 64. WSS sensor - AC specifications
No
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
1TFLT_WS
WS Deglitch filter time
Configurable by SPI (4bits)
8
-
15.6
μs
2
-
Latency time
between receiving sensor data @
RSUx pin and reaching threshold
high level of WSx pin (trigger point
80% of RSUx modulated current)
--
2 +
TFLT_
WS
μs
3
-
Jitter on Latency time
Design Info
-
-
125
ns
4
TFLT_OCTH_WS
S
Over Current Detection
Deglitch filter time
-
500
-
600
μs
5
TFLT_OPEN_RS
U
Open Detection Deglitch
Filter Time
-10
-
15
μs
6TFLT_LKG_RSU
Leakage Deglitch Filter
Time
-10
-
15
μs
7
TSTANDSTILL_T
H_L
Pulse duration to assert
standstill bit thresholds
-
1.13
-
-
ms
8
TSTANDSTILL_T
H_H
-
-
2.55
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com