Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9680 Datasheet(PDF) 265 Page - STMicroelectronics

Part # L9680
Description  Automotive advanced airbag IC for mid/high end applications
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9680 Datasheet(HTML) 265 Page - STMicroelectronics

Back Button L9680 Datasheet HTML 261Page - STMicroelectronics L9680 Datasheet HTML 262Page - STMicroelectronics L9680 Datasheet HTML 263Page - STMicroelectronics L9680 Datasheet HTML 264Page - STMicroelectronics L9680 Datasheet HTML 265Page - STMicroelectronics L9680 Datasheet HTML 266Page - STMicroelectronics L9680 Datasheet HTML 267Page - STMicroelectronics L9680 Datasheet HTML 268Page - STMicroelectronics L9680 Datasheet HTML 269Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 265 / 277 page
background image
DocID029257 Rev 1
265/277
L9680
Electrical characteristics
276
16.20
Safing engine
All electrical characteristics are valid for the following conditions unless otherwise noted:
40 °C
 Ta  +95 °C, VINGOOD0  VIN  35 V, VCCx(min)  VCCx  VCCx(max),
VCC = 3.3 V or 5 V.
17
IPD_DCS_TOT
DCSx total current
pull down
IPD_DCS_TOT = IPD_DCS + RPD_DCS
VDCS = 6.5 V
160
240
330
μA
18
CDCS
Output capacitance
Design Info
10
-
-
nF
19
IREF_DCS
Internal Current
Reference for DCS
Current Measurement
--5%
300
+5%
μA
20
Ratio_VDCS
Divider ratio for DCSx
voltage measurement
-
-3%
7.125
+3%
V/V
21
VOFF_DCS
DCSx internal offset
during voltage
measurement
-
0.35
0.375
0.39
V
Table 65. DC Sensor interface specifications
No
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Table 66. Arming Interface – DC specifications
No
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
1VTH_H_ACL
ACL input voltage
thresholds
-
2.33
-
2.5
V
2VTH_L_ACL
-
1.58
-
1.71
V
3VHYS_ACl
ACL hysteresis
-
0.6
0.75
0.9
V
4RPD_ACL
ACL pull down resistance
VACL = 3.3V
150
210
270
kΩ
5VOH_ARM
ARMx output high voltage
ILOAD = -0.5 mA
internal safing selected
VCC-0.60
-
VCC
V
6VOL_ARM
ARMx output low voltage
ILOAD = 2.0 mA
internal safing selected
0
-
0.4
V
7RPD_ARM
ARMx pull down
resistance
-
65
100
135
kΩ
8VIH_ARM
ARMx high level input
voltage
-2
-
-
V
9VIL_ARM
ARMx low level input
voltage
-
-
-
0.8
V
10
RPD_ARMx, x=1,2,3
ARM1,2,3 pull down
resistor
External safing selected
60
100
140
kΩ
11
IPU_ARM4
ARM4 pull up current
ARM4 = 0V
external safing selected
-100
-75
-50
μA
12
VOH_PSINHB
PSINHB output high
voltage
ILOAD = -0.5 mA
Internal safing selected
VCC-0.60
-
VCC
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com