Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9680 Datasheet(PDF) 268 Page - STMicroelectronics

Part # L9680
Description  Automotive advanced airbag IC for mid/high end applications
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9680 Datasheet(HTML) 268 Page - STMicroelectronics

Back Button L9680 Datasheet HTML 264Page - STMicroelectronics L9680 Datasheet HTML 265Page - STMicroelectronics L9680 Datasheet HTML 266Page - STMicroelectronics L9680 Datasheet HTML 267Page - STMicroelectronics L9680 Datasheet HTML 268Page - STMicroelectronics L9680 Datasheet HTML 269Page - STMicroelectronics L9680 Datasheet HTML 270Page - STMicroelectronics L9680 Datasheet HTML 271Page - STMicroelectronics L9680 Datasheet HTML 272Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 268 / 277 page
background image
Electrical characteristics
L9680
268/277
DocID029257 Rev 1
15
IDIAG_GPO
Diagnostic current on load
Voltage measurement in
progress through Analog MUX
Increased leakage for a short
specified time (32μs)
-
-
130
μA
16 ILKG_GPOD_OFF
GPOD output leakage
current
VGPOD = 18 V
VGPOS = 0V
Power-off or Sleep Mode
-5
-
+5
μA
17
ILKG_GPOD_ON
VGPOD = 18 V
VGPOS = 0 V
GPO Driver OFF
Active or Passive Mode with
GPO un-configured
-5
-
+5
μA
18 ILKG_GPOS_OFF
GPOS output leakage
current
VGPOD = 18 V
VGPOS = 0 V
Power-off or Sleep Mode
-5
-
+5
μA
19
ILKG_GPOS_ON
VGPOD = 18 V
VGPOS = 0 V
GPO Driver OFF
Active or Passive Mode with
GPO un-configured
-5
-
+5
μA
20
IREV_GPO
Reverse current
VGPOS = VGPOD + 1 V
GPO Driver OFF
--
1
mA
21
TJSD_GPO
Thermal shutdown
-
150
175
190
°C
22
THYS_TSD_GPO
-
5
10
15
°C
23
CGPO
Load capacitor
Design Info
6
-
-
nF
Table 68. GPO interface DC specifications (continued)
No
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Table 69. GPO driver interface – AC specifications
No
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
1SRGPOx
GPOx output voltage
slew rate
30% - 70%;
RLOAD = 273 Ω, CLOAD = 100 nF
0.1
0.25
0.4
V/μs
2TFLT_OC
Over current
detection filter time
GPO Driver ON
10
12
14
μs
3TFLT_UC
Open load detection
filter time
GPO Driver ON
8
10
12
μs
4TFLT_STB
Short to battery
detection in OFF
state deglitch filter
time
GPO Driver OFF
8
10
15
μs
5TFLT_STG
Short to GND
detection in OFF
state deglitch filter
time
GPO Driver OFF
8
10
15
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com