Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9680 Datasheet(PDF) 269 Page - STMicroelectronics

Part # L9680
Description  Automotive advanced airbag IC for mid/high end applications
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9680 Datasheet(HTML) 269 Page - STMicroelectronics

Back Button L9680 Datasheet HTML 265Page - STMicroelectronics L9680 Datasheet HTML 266Page - STMicroelectronics L9680 Datasheet HTML 267Page - STMicroelectronics L9680 Datasheet HTML 268Page - STMicroelectronics L9680 Datasheet HTML 269Page - STMicroelectronics L9680 Datasheet HTML 270Page - STMicroelectronics L9680 Datasheet HTML 271Page - STMicroelectronics L9680 Datasheet HTML 272Page - STMicroelectronics L9680 Datasheet HTML 273Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 269 / 277 page
background image
DocID029257 Rev 1
269/277
L9680
Electrical characteristics
276
16.22
Analog to digital converter
All electrical characteristics are valid for the following conditions unless otherwise noted:
40 °C
 Ta  +95 °C, VINGOOD0  VIN  35 V.
6TMASK_STUP_ON
Diagnostic mask
delay after switch ON
CGPOX = 100 nF typ
136
-
200
μs
7TMASK_STUP_OFF
Diagnostic mask
delay after switch
OFF
CGPOX = 100 nF typ
520
-
584
μs
8TFLT_TSD
Thermal shutdown
filter time
--
-
10
μs
9FPWM
GPO PWM frequency Design Info
-
125
Hz
10
DCPWM
GPO PWM duty cycle Increment step = 1.6%
0
-
100
%
Table 69. GPO driver interface – AC specifications (continued)
No
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Table 70. Analog to digital converter
No
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
1VADC_RANGE ADC input voltage range
-
0.1
-
2.5
V
2VADC_REF
ADC reference voltage
-
-1.5%
2.5
+1.5%
V
3
ADC_RES
ADC resolution (1)
Design Info
-
10
-
bit
4
DNL
Differential non linearity
error (DNL)
Separation between adjacent
levels, measured bit to bit of
actual and an ideal output step.
No missing codes
-1
-
+1
LSB
5
INL
Integral non linearity error
(INL)
Maximum difference between the
actual analog value at the
transition between 2 adjacent
steps and its ideal value
-3
-
+3
LSB
6EQUANT
Quantization error
Design Info
-0.5
-
0.5
LSB
7
TotErr
Total error
Includes INL, DNL, ADC
Reference voltage tolerance and
quantization error
-15
-
+15
LSB
8
TotErr_0v1
ADC total error for 0.1 V
input voltage
-
-5
-
+5
LSB
9
TotErr_2v4
ADC total error for 2.4 V
input voltage
-
-15
-
+15
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com