Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSD1850 Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # SSD1850
Description  CMOS LCD Segment / Common Driver with Controller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SSD1850 Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button SSD1850 Datasheet HTML 13Page - List of Unclassifed Manufacturers SSD1850 Datasheet HTML 14Page - List of Unclassifed Manufacturers SSD1850 Datasheet HTML 15Page - List of Unclassifed Manufacturers SSD1850 Datasheet HTML 16Page - List of Unclassifed Manufacturers SSD1850 Datasheet HTML 17Page - List of Unclassifed Manufacturers SSD1850 Datasheet HTML 18Page - List of Unclassifed Manufacturers SSD1850 Datasheet HTML 19Page - List of Unclassifed Manufacturers SSD1850 Datasheet HTML 20Page - List of Unclassifed Manufacturers SSD1850 Datasheet HTML 21Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 56 page
background image
SSD1850/51 Series
Rev 1.2
01/2003
SOLOMON
13
SEG0 - SEG127
These pins provide the LCD column driving signal. Their voltage level is VSS during sleep mode and
standby mode.
S5150
For SSD1851, this pin must be connected to VSS.
For SSD1850, this pin must be connected to VDD.
CL
This pin is the external clock input for the device if external clock mode is selected by software command.
Under POR operation, this pin should be left opened and internal oscillator will be used after power on
reset.
N/C
These No Connection pins should NOT be connected to any signal pins nor shorted together. They
should be left open.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com