Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSD1850 Datasheet(PDF) 30 Page - List of Unclassifed Manufacturers

Part # SSD1850
Description  CMOS LCD Segment / Common Driver with Controller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SSD1850 Datasheet(HTML) 30 Page - List of Unclassifed Manufacturers

Back Button SSD1850 Datasheet HTML 26Page - List of Unclassifed Manufacturers SSD1850 Datasheet HTML 27Page - List of Unclassifed Manufacturers SSD1850 Datasheet HTML 28Page - List of Unclassifed Manufacturers SSD1850 Datasheet HTML 29Page - List of Unclassifed Manufacturers SSD1850 Datasheet HTML 30Page - List of Unclassifed Manufacturers SSD1850 Datasheet HTML 31Page - List of Unclassifed Manufacturers SSD1850 Datasheet HTML 32Page - List of Unclassifed Manufacturers SSD1850 Datasheet HTML 33Page - List of Unclassifed Manufacturers SSD1850 Datasheet HTML 34Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 56 page
background image
SSD1850/51 Series
Rev 1.2
01/2003
SOLOMON
26
X2X1X0 = 101: +6%
X2X1X0 = 110: +9%
X2X1X0 = 111: +12%
11111101
xxxx0X210
Lock / Unlock Interface
X2 = 0 : Unlock the IC. The driver accepts any
command and data written.
X2 = 1 : Lock the IC. The driver ignores all
command and data written, except the unlock
command or pin reset.
11110110
000X4X3X2X1X0
Frame Frequency Adjust
(Please find the default setting in
the following table)
FRAMEFQ
X2X1X0 = 000: 0
X2X1X0 = 001: 1
X2X1X0 = 010: 2
X2X1X0 = 011: 3
X2X1X0 = 100: 4
X2X1X0 = 101: 5
X2X1X0 = 110: 6
X2X1X0 = 111: 7
Fosc
X4X3 = 00: 59kHz
X4X3 = 01: 75kHz
X4X3 = 10: 94kHz
X4X3 = 11: 113kHz
Other than the
above
Set Test Mode
Reserved
Frame Frequency Default Setting
Frame Frequency = Fosc / [Mux x (FRAMEFQ + 1) x PWM]
Mux (Icon Enable)
FRAMEFQ
PWM
Fosc
Mux<=17
2
5
4
15
12
9
59kHz
94kHz
59kHz
18<=MUX<=33
1
1
2
15
12
9
75kHz
59kHz
75kHz
34<=MUX<=49
0
1
1
15
12
9
59kHz
94kHz
75kHz
50<=MUX<=65
0
0
1
15
12
9
75kHz
59kHz
94kHz
66<=MUX<=81
0
0
0
15
12
9
94kHz
75kHz
59kHz
PWM is defined in command Set PWM and FRC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com