Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSD1850 Datasheet(PDF) 32 Page - List of Unclassifed Manufacturers

Part # SSD1850
Description  CMOS LCD Segment / Common Driver with Controller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SSD1850 Datasheet(HTML) 32 Page - List of Unclassifed Manufacturers

Back Button SSD1850 Datasheet HTML 28Page - List of Unclassifed Manufacturers SSD1850 Datasheet HTML 29Page - List of Unclassifed Manufacturers SSD1850 Datasheet HTML 30Page - List of Unclassifed Manufacturers SSD1850 Datasheet HTML 31Page - List of Unclassifed Manufacturers SSD1850 Datasheet HTML 32Page - List of Unclassifed Manufacturers SSD1850 Datasheet HTML 33Page - List of Unclassifed Manufacturers SSD1850 Datasheet HTML 34Page - List of Unclassifed Manufacturers SSD1850 Datasheet HTML 35Page - List of Unclassifed Manufacturers SSD1850 Datasheet HTML 36Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 56 page
background image
SSD1850/51 Series
Rev 1.2
01/2003
SOLOMON
28
COMMAND DESCRIPTIONS
Set Display On/Off
This command turns the display on/off, by the value of the LSB.
Set Display Start Line
This command is to set Display Start Line register to determine starting address of display RAM to be
displayed by selecting a value from 0 to 63/79. With value equals to 0, D0 of Page 0 is mapped to COM0.
With value equals to 1, D1 of Page0 is mapped to COM0. The display start line values of 0 to 63/79 are
assigned to Page 0 to 9.
Set Page Address
This command positions the page address to 0 to 8/10 possible positions in GDDRAM. Refer to figure 5.
Set Higher Column Address This command specifies the higher nibble of the 7-bit column address of the
display data RAM. The column address will be incremented by each data access after it is pre-set by the
MCU and returning to 0 once overflow (>127).
Set Lower Column Address
This command specifies the lower nibble of the 7-bit column address of the display data RAM. The
column address will be incremented by each data access after it is pre-set by the MCU and returning to 0
once overflow (>127).
Set Segment Re-map
This commands changes the mapping between the display data column address and segment driver. It
allows flexibility in layout during LCD module assembly. Refer to figure 5.
Set Normal/Inverse Display
This command sets the display to be either normal/inverse. In normal display, a RAM data of 1 indicates
an “ON” pixel. While in reverse display, a RAM data of 0 indicates an “ON” pixel. The icon line is not
affected by this command.
Set Entire Display On/Off
This command forces the entire display, including the icon row, to be “ON” regardless of the contents of
the display data RAM. This command has priority over normal/inverse display.
To execute this command, Set Display On command must be sent in advance.
Set LCD Bias
This command is used to select a suitable bias ratio (1/4 to 1/11) required for driving the particular LCD
panel in use. The POR default for SSD1851 is set to 1/10 bias and SSD1850 is set to 1/9.
Software Reset
This command causes some of the internal status of the chip to be initialized:
1. Page address is set to 0
2. Column address is set to 0
3. Initial Display Line is set to 0 (point to display RAM page 0, D0)
4. Internal Resistor Ratio register is set to (0,0,0)
5. Software Contrast is set to 32
Set COM Output Scan Direction
This command sets the scan direction of the COM output allowing layout flexibility in LCD module
assembly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com