Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSD1850 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # SSD1850
Description  CMOS LCD Segment / Common Driver with Controller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SSD1850 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button SSD1850 Datasheet HTML 4Page - List of Unclassifed Manufacturers SSD1850 Datasheet HTML 5Page - List of Unclassifed Manufacturers SSD1850 Datasheet HTML 6Page - List of Unclassifed Manufacturers SSD1850 Datasheet HTML 7Page - List of Unclassifed Manufacturers SSD1850 Datasheet HTML 8Page - List of Unclassifed Manufacturers SSD1850 Datasheet HTML 9Page - List of Unclassifed Manufacturers SSD1850 Datasheet HTML 10Page - List of Unclassifed Manufacturers SSD1850 Datasheet HTML 11Page - List of Unclassifed Manufacturers SSD1850 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 56 page
background image
SSD1850/51 Series
Rev 1.2
01/2003
SOLOMON
4
TAB PAD ARRAGEMENT (SSD1851T PIN ASSIGNMENT) (Copper View)
247 NC
246 NC
245 COM39
244 COM38
243 COM37
209 COM1
208 COM0
207 ICONS
206 SEG0
205 SEG1
81 SEG125
80 SEG126
79 SEG127
78 COM40
77 COM41
42 COM76
41 COM77
40 COM78
39 COM79
38 ICONS
37 N/C
N/C
1
CL
2
VR
3
VL6
4
VL5
5
VL4
6
VL3
7
VL2
8
INTRS
9
C4P
10
C2N
11
C2P
12
C1P
13
C1N
14
C3P
15
C5P
16
VCC
17
VSS
18
VCI
19
VDD
20
D7
21
D6
22
D5
23
D4
24
D3
25
D2
26
D1
27
D0
28
E(RD#) 29
R/W(WR#)30
D/C
31
RES#
32
CS#
33
PS1
34
PS0
35
N/C
36
Remarks: REF is connected to VDD
VEXT is not connected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com