Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSD1850 Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers

Part # SSD1850
Description  CMOS LCD Segment / Common Driver with Controller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SSD1850 Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button SSD1850 Datasheet HTML 11Page - List of Unclassifed Manufacturers SSD1850 Datasheet HTML 12Page - List of Unclassifed Manufacturers SSD1850 Datasheet HTML 13Page - List of Unclassifed Manufacturers SSD1850 Datasheet HTML 14Page - List of Unclassifed Manufacturers SSD1850 Datasheet HTML 15Page - List of Unclassifed Manufacturers SSD1850 Datasheet HTML 16Page - List of Unclassifed Manufacturers SSD1850 Datasheet HTML 17Page - List of Unclassifed Manufacturers SSD1850 Datasheet HTML 18Page - List of Unclassifed Manufacturers SSD1850 Datasheet HTML 19Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 56 page
background image
SSD1850/51 Series
Rev 1.2
01/2003
SOLOMON
11
PIN DESCRIPTIONS
RES
This pin is reset signal input. When the pin is low, initialization of the chip is executed.
PS0, PS1
PS0 and PS1 determine the interface protocol between the driver and MCU. Refer to the following table
for details.
PS0
PS1
Interface
L
L
3-wire SPI (write only)
L
H
4-wire SPI (write only)
H
L
8080 parallel interface (read and write allowed)
H
H
6800 parallel interface (read and write allowed)
CS
This pin is chip select input. The chip is enabled for display data/command transfer only when CS is low.
D/ C
This input pin is to identify display data/command cycle. When the pin is high, the data written to the
driver will be written into display RAM. When the pin is low, the data will be interpreted as command.
This pin must be connected to VSS when 3-lines SPI interface is used.
R/W ( WR )
This pin is microprocessor interface signal. When 6800 interface mode is selected (by PS0 and PS1), the
signal indicates read mode when high and write mode when low. When 8080 interface mode is selected
(by PS0 and PS1), a data write operation is initiated when R/W( WR ) is low and the chip is selected.
E(RD )
This pin is microprocessor interface signal. When 6800 interface mode is selected (by PS0 and PS1), a
data operation is initiated when E( RD ) is high and the chip is selected. When 8080 interface mode is
selected (PS0 and PS1), a data read operation is initiated when E( RD ) is low and the chip is selected.
D0-D7
These pins are 8-bit bi-directional data/command bus to be connected to the microprocessor’s data bus.
When serial mode is selected, D7 is the serial data input SDA and D6 is the serial clock input SCK.
INTRS
This pin is an input pin to enable the internal resistor network for the voltage regulator when INTRS is
high. When external regulator is used, this pin must be connected to VSS, and external resistor R1/R2
should be connected to VL6, VR and VSS.
REF
This pin is an input pin to enable the internal reference voltage used for the internal regulator. When it is
high, an internal reference voltage source will be used. When it is low, an external reference voltage
source must be provided to VEXT pin if internal regulator is used.
VDD
Power supply pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com