Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSD1850 Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # SSD1850
Description  CMOS LCD Segment / Common Driver with Controller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SSD1850 Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button SSD1850 Datasheet HTML 16Page - List of Unclassifed Manufacturers SSD1850 Datasheet HTML 17Page - List of Unclassifed Manufacturers SSD1850 Datasheet HTML 18Page - List of Unclassifed Manufacturers SSD1850 Datasheet HTML 19Page - List of Unclassifed Manufacturers SSD1850 Datasheet HTML 20Page - List of Unclassifed Manufacturers SSD1850 Datasheet HTML 21Page - List of Unclassifed Manufacturers SSD1850 Datasheet HTML 22Page - List of Unclassifed Manufacturers SSD1850 Datasheet HTML 23Page - List of Unclassifed Manufacturers SSD1850 Datasheet HTML 24Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 56 page
background image
SSD1850/51 Series
Rev 1.2
01/2003
SOLOMON
16
Page address
D3 D2 D1 D0
Line address
COM Output
(Display
Startline = 0)
COM Output
(Display
Startline = 38H)
D0(LSB)
----------
00
COM0
COM8
D1
----------
01
COM1
COM9
D2
----------
02
COM2
COM10
D3
----------
03
COM3
COM11
D4
----------
04
COM4
COM12
D5
----------
05
COM5
COM13
D6
----------
06
COM6
COM14
0
0
0
0
D7(MSB)
----------
07
COM7
COM15
D0(LSB)
----------
08
COM8
COM16
D1
----------
09
COM9
COM17
D2
----------
0A
COM10
COM18
D3
----------
0B
COM11
COM19
D4
----------
0C
COM12
COM20
D5
----------
0D
COM13
COM21
D6
----------
0E
COM14
COM22
0
0
0
1
D7(MSB)
----------
0F
COM15
COM23
----------
----------
----------
----------
----------
----------
----------
|
|
|
|
----------
D0(LSB)
----------
30
COM48
COM56
D1
----------
31
COM49
COM57
D2
----------
32
COM50
COM58
D3
----------
33
COM51
COM59
D4
----------
34
COM52
COM60
D5
----------
35
COM53
COM61
D6
----------
36
COM54
COM62
0
1
1
0
D7(MSB)
----------
37
COM55
COM63
D0(LSB)
----------
38
COM56
COM0
D1
----------
39
COM57
COM1
D2
----------
3A
COM58
COM2
D3
----------
3B
COM59
COM3
D4
----------
3C
COM60
COM4
D5
----------
3D
COM61
COM5
D6
----------
3E
COM62
COM6
0
1
1
1
D7(MSB)
----------
3F
COM63
COM7
1
0
0
0
D0
----------
ICONS
ICONS
ICONS
Internal Column Address 00
01
02
03
04
05
06
07
F8
F9
FA
FB
FC
FD
FE
FF
ADC = 0
00
01
02
03
7C
7D
7E
7F
ADC = 1
7F
7E
7D
7C
03
02
01
00
SEG Outputs
SEG0
SEG1
SEG2
SEG3
SEG124
SEG125
SEG126
SEG127
Figure 5a. Graphic Display Data RAM (GDDRAM) Address Map for SSD1850 (with vertical scroll value 38H)
Mapping depends
on COM scan
direction setting
First Byte
Second Byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com