Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSD1850 Datasheet(PDF) 35 Page - List of Unclassifed Manufacturers

Part # SSD1850
Description  CMOS LCD Segment / Common Driver with Controller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SSD1850 Datasheet(HTML) 35 Page - List of Unclassifed Manufacturers

Back Button SSD1850 Datasheet HTML 31Page - List of Unclassifed Manufacturers SSD1850 Datasheet HTML 32Page - List of Unclassifed Manufacturers SSD1850 Datasheet HTML 33Page - List of Unclassifed Manufacturers SSD1850 Datasheet HTML 34Page - List of Unclassifed Manufacturers SSD1850 Datasheet HTML 35Page - List of Unclassifed Manufacturers SSD1850 Datasheet HTML 36Page - List of Unclassifed Manufacturers SSD1850 Datasheet HTML 37Page - List of Unclassifed Manufacturers SSD1850 Datasheet HTML 38Page - List of Unclassifed Manufacturers SSD1850 Datasheet HTML 39Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 56 page
background image
SSD1850/51 Series
Rev 1.2
01/2003
SOLOMON
31
For 4 FRC,
Memory Content
FRAME
1
st Byte
2
nd Byte
Gray Mode
1
st
2
nd
3
rd
4
th
0
0
White
WA
WB
WC
WD
0
1
Light Gray
LA
LB
LC
LD
1
0
Dark Gray
DA
DB
DC
DD
1
1
Black
BA
BB
BC
BD
For 3 FRC,
Memory Content
FRAME
1
st Byte
2
nd Byte
Gray Mode
1
st
2
nd
3
rd
4
th (No use)
0
0
White
WA
WB
WC
WD (XX)
0
1
Light Gray
LA
LB
LC
LD (XX)
1
0
Dark Gray
DA
DB
DC
DC (XX)
1
1
Black
BA
BB
BC
BC (XX)
Set PWM and FRC
This command selects the number of frames in frame rate control, or the number of levels in the pulse
width modulation.
Set Test Mode
This command forces the driver chip into its test mode for internal testing of the chip. Under normal
operation, user should NOT use this command.
Status Register Read
This command is issued by setting D/ C Low during a data read (refer to figure 1 and 2 parallel interface
waveform, P.35-38). It allows the MCU to monitor the internal status of the chip. No status read is
provided for serial mode.
EXTENDED COMMANDS
These commands are used, in addition to basic commands, to trigger the enhanced features designed for
the chip. These features are on top of general ones.
Set VL6 noise reduction
This command is to enable the VL6 noise reduction. This command is only valid for the IC version with G
prefix notation on the “DTE” (datecode) field of label printed on die tray cover, intermediates and outer
boxes. For details, please refer to the product change notification document of PC0010 from SSL.
Set Temperature Coefficient (TC) Value
This command is to set 1 out of 2 different temperature coefficients in order to match various liquid crystal
temperature grades.
Select Oscillator Source
This command enables the external clock input from CL pin.
Oscillator adjustment
This command is used to adjust the oscillator frequency to desired frame frequency.
Lock/Unlock Interface
After sending the lock command, the interface will be disabled until the unlock command is received. The
lock command is suggested whenever the LCD driver will not be accessed for some period. This can
minimize incorrect data or command written due to noisy interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com